Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 396 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 392Page - Renesas Technology Corp SH7014 Datasheet HTML 393Page - Renesas Technology Corp SH7014 Datasheet HTML 394Page - Renesas Technology Corp SH7014 Datasheet HTML 395Page - Renesas Technology Corp SH7014 Datasheet HTML 396Page - Renesas Technology Corp SH7014 Datasheet HTML 397Page - Renesas Technology Corp SH7014 Datasheet HTML 398Page - Renesas Technology Corp SH7014 Datasheet HTML 399Page - Renesas Technology Corp SH7014 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 362 of 716
REJ09B0398-0500
12.4
SCI Interrupt Sources and the DMAC
The SCI has four interrupt sources: transmit-end (TEI), receive-error (ERI), receive-data-full
(RXI), and transmit-data-empty (TXI). Table 12.12 lists the interrupt sources and indicates their
priority. These interrupts can be enabled and disabled by the TIE, RIE, and TEIE bits in the serial
control register (SCR). Each interrupt request is sent separately to the interrupt controller.
TXI is requested when the TDRE bit in the SSR is set to 1. TXI can start the direct memory access
controller (DMAC) to transfer data. TDRE is automatically cleared to 0 when the DMAC writes
data in the transmit data register (TDR).
RxI is requested when the RDRF bit in the SSR is set to 1. RXI can start the DMAC to transfer
data. RDRF is automatically cleared to 0 when the DMAC reads the receive data register (RDR).
ERI is requested when the ORER, PER, or FER bit in the SSR is set to 1. ERI cannot start the
DMAC.
TEI is requested when the TEND bit in the SSR is set to 1. TEI cannot start the DMAC. Where the
TXI interrupt indicates that transmit data writing is enabled, the TEI interrupt indicates that the
transmit operation is complete.
Table 12.12 SCI Interrupt Sources
Interrupt Source
Description
DMAC Activation
Priority
ERI
Receive error (ORER, PER, or FER)
No
High
RXI
Receive data full (RDRF)
Yes
TXI
Transmit data empty (TDRE)
Yes
TEI
Transmit end (TEND)
No
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com