Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 397 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 393Page - Renesas Technology Corp SH7014 Datasheet HTML 394Page - Renesas Technology Corp SH7014 Datasheet HTML 395Page - Renesas Technology Corp SH7014 Datasheet HTML 396Page - Renesas Technology Corp SH7014 Datasheet HTML 397Page - Renesas Technology Corp SH7014 Datasheet HTML 398Page - Renesas Technology Corp SH7014 Datasheet HTML 399Page - Renesas Technology Corp SH7014 Datasheet HTML 400Page - Renesas Technology Corp SH7014 Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 363 of 716
REJ09B0398-0500
12.5
Usage Notes
Sections 12.5.1 through 12.5.9 provide information for using the SCI.
12.5.1
TDR Write and TDRE Flags
The TDRE bit in the serial status register (SSR) is a status flag indicating loading of transmit data
from TDR into TSR. The SCI sets TDRE to 1 when it transfers data from TDR to TSR. Data can
be written to TDR regardless of the TDRE bit status. If new data is written in TDR when TDRE is
0, however, the old data stored in TDR will be lost because the data has not yet been transferred to
the TSR. Before writing transmit data to the TDR, be sure to check that TDRE is set to 1.
12.5.2
Simultaneous Multiple Receive Errors
Table 12.13 indicates the state of the SSR status flags when multiple receive errors occur
simultaneously. When an overrun error occurs, the RSR contents cannot be transferred to the
RDR, so receive data is lost.
Table 12.13 SSR Status Flags and Transfer of Receive Data
SSR Status Flags
Receive Error Status
RDRF
ORER
FER
PER
Receive Data
Transfer
RSR
→ RDR
Overrun error
1
1
0
0
X
Framing error
0
0
1
0
O
Parity error
0
0
0
1
O
Overrun error + framing error
1
1
1
0
X
Overrun error + parity error
1
1
0
1
X
Framing error + parity error
0
0
1
1
O
Overrun error + framing error + parity error 1
1
1
1
X
Note:
O = Receive data is transferred from RSR to RDR.
X = Receive data is not transferred from RSR to RDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com