Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 397Page - Renesas Technology Corp SH7014 Datasheet HTML 398Page - Renesas Technology Corp SH7014 Datasheet HTML 399Page - Renesas Technology Corp SH7014 Datasheet HTML 400Page - Renesas Technology Corp SH7014 Datasheet HTML 401Page - Renesas Technology Corp SH7014 Datasheet HTML 402Page - Renesas Technology Corp SH7014 Datasheet HTML 403Page - Renesas Technology Corp SH7014 Datasheet HTML 404Page - Renesas Technology Corp SH7014 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 367 of 716
REJ09B0398-0500
Section 13 High Speed A/D Converter
⎯ SH7014 ⎯
13.1
Overview
The high speed A/D converter has 10-bit resolution, and can select from a maximum of eight
channels of analog inputs.
13.1.1
Features
The high speed A/D converter has the following features:
• 10-bit resolution
• Eight input channels
• High-speed conversion
⎯ Minimum conversion time: 2.9 μs per channel (for 28-MHz operation)
1.4
μs per channel during continuous conversion
• Multiple conversion modes
⎯ Select mode/group mode
⎯ Single mode/scan mode
⎯ Buffered operation possible
⎯ 2 channel simultaneous sampling possible
• Two types of conversion start
⎯ Software, or timer conversion start trigger (MTU) can be selected.
• Eight data registers
⎯ Conversion results stored in 16-bit data registers corresponding to each channel.
• Sample and hold function
• A/D conversion end interrupt generation
⎯ An A/D conversion end interrupt (ADI) request can be generated on completion of A/D
conversions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com