Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 400 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 400 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 396Page - Renesas Technology Corp SH7014 Datasheet HTML 397Page - Renesas Technology Corp SH7014 Datasheet HTML 398Page - Renesas Technology Corp SH7014 Datasheet HTML 399Page - Renesas Technology Corp SH7014 Datasheet HTML 400Page - Renesas Technology Corp SH7014 Datasheet HTML 401Page - Renesas Technology Corp SH7014 Datasheet HTML 402Page - Renesas Technology Corp SH7014 Datasheet HTML 403Page - Renesas Technology Corp SH7014 Datasheet HTML 404Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 366 of 716
REJ09B0398-0500
12.5.7
Constraints on DMAC Use
• When using an external clock source for the synchronization clock, update the TDR with the
DMAC, and then after five system clocks or more elapse, input a transmit clock. If a transmit
clock is input in the first four system clocks after the TDR is written, an error may occur
(figure 12.22).
• Before reading the receive data register (RDR) with the DMAC, select the receive-data-full
interrupt (RXI) of the SCI as a start-up source.
D0
D1
D2
D3
D4
D5
D6
D7
SCK
TDRE
t
Note: During external clock operation, an error may occur if t is 4
φ or less.
Figure 12.22 Example of Clock Synchronous Transmission with DMAC
12.5.8
Cautions for Clock Synchronous External Clock Mode
• Set TE = RE = 1 only when the external clock SCK is 1.
• Do not set TE = RE = 1 until at least four clocks after the external clock SCK has changed
from 0 to 1.
• When receiving, RDRF is 1 when RE is set to zero 2.5 to 3.5 clocks after the rising edge of the
RxD D7 bit SCK input, but it cannot be copied to RDR.
12.5.9
Caution for Clock Synchronous Internal Clock Mode
When receiving, RDRF is 1 when RE is set to zero 1.5 clocks after the rising edge of the RxD D7
bit SCK output, but it cannot be copied to RDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com