Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 454Page - Renesas Technology Corp SH7014 Datasheet HTML 455Page - Renesas Technology Corp SH7014 Datasheet HTML 456Page - Renesas Technology Corp SH7014 Datasheet HTML 457Page - Renesas Technology Corp SH7014 Datasheet HTML 458Page - Renesas Technology Corp SH7014 Datasheet HTML 459Page - Renesas Technology Corp SH7014 Datasheet HTML 460Page - Renesas Technology Corp SH7014 Datasheet HTML 461Page - Renesas Technology Corp SH7014 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 754 page
background image
15. Compare Match Timer (CMT)
Rev.5.00 Sep. 27, 2007 Page 424 of 716
REJ09B0398-0500
Bits 1, 0
⎯Clock Select 1, 0 (CKS1, CKS0): These bits select the clock input to the CMCNT
from among the four internal clocks obtained by dividing the system clock (
φ). When the STR bit
of the CMSTR is set to 1, the CMCNT begins incrementing with the clock selected by CKS1 and
CKS0.
Bit 1
CKS1
Bit 0
CKS0
Description
0
0
φ/8
(initial status)
1
φ/32
1
0
φ/128
1
φ/512
15.2.3
Compare Match Timer Counter (CMCNT)
The compare match timer counter (CMCNT) is a 16-bit register used as an upcounter for
generating interrupt requests.
When an internal clock is selected with the CKS1, CKS0 bits of the CMCSR register and the STR
bit of the CMSTR is set to 1, the CMCNT begins incrementing with that clock. When the CMCNT
value matches that of the compare match timer constant register (CMCOR), the CMCNT is
cleared to H'0000 and the CMF flag of the CMCSR is set to 1. If the CMIE bit of the CMCSR is
set to 1 at this time, a compare match interrupt (CMI) is requested.
The CMCNT is initialized to H'0000 by power-on resets and by standby mode.
Bit:
15
14
13
12
11
10
9
8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com