Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 457Page - Renesas Technology Corp SH7014 Datasheet HTML 458Page - Renesas Technology Corp SH7014 Datasheet HTML 459Page - Renesas Technology Corp SH7014 Datasheet HTML 460Page - Renesas Technology Corp SH7014 Datasheet HTML 461Page - Renesas Technology Corp SH7014 Datasheet HTML 462Page - Renesas Technology Corp SH7014 Datasheet HTML 463Page - Renesas Technology Corp SH7014 Datasheet HTML 464Page - Renesas Technology Corp SH7014 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 754 page
background image
15. Compare Match Timer (CMT)
Rev.5.00 Sep. 27, 2007 Page 427 of 716
REJ09B0398-0500
15.4
Interrupts
15.4.1
Interrupt Sources
The CMT has a compare match interrupt for each channel, with independent vector addresses
allocated to each of them. The corresponding interrupt request is output when the interrupt request
flag CMF is set to 1 and the interrupt enable bit CMIE has also been set to 1.
When activating CPU interrupts by interrupt request, the priority between the channels can be
changed by using the interrupt controller settings. See section 6, Interrupt Controller, for details.
15.4.2
Compare Match Flag Set Timing
The CMF bit of the CMCSR register is set to 1 by the compare match signal generated when the
CMCOR register and the CMCNT counter match. The compare match signal is generated upon
the final state of the match (timing at which the CMCNT counter matching count value is
updated). Consequently, after the CMCOR register and the CMCNT counter match, a compare
match signal will not be generated until a CMCNT counter input clock occurs. Figure 15.4 shows
the CMF bit set timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com