Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 460 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 456Page - Renesas Technology Corp SH7014 Datasheet HTML 457Page - Renesas Technology Corp SH7014 Datasheet HTML 458Page - Renesas Technology Corp SH7014 Datasheet HTML 459Page - Renesas Technology Corp SH7014 Datasheet HTML 460Page - Renesas Technology Corp SH7014 Datasheet HTML 461Page - Renesas Technology Corp SH7014 Datasheet HTML 462Page - Renesas Technology Corp SH7014 Datasheet HTML 463Page - Renesas Technology Corp SH7014 Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 754 page
background image
15. Compare Match Timer (CMT)
Rev.5.00 Sep. 27, 2007 Page 426 of 716
REJ09B0398-0500
15.3
Operation
15.3.1
Period Count Operation
When an internal clock is selected with the CKS1, CKS0 bits of the CMCSR register and the STR
bit of the CMSTR is set to 1, the CMCNT begins incrementing with the selected clock. When the
CMCNT counter value matches that of the compare match constant register (CMCOR), the
CMCNT counter is cleared to H'0000 and the CMF flag of the CMCSR register is set to 1. If the
CMIE bit of the CMCSR register is set to 1 at this time, a compare match interrupt (CMI) is
requested. The CMCNT counter begins counting up again from H'0000.
Figure 15.2 shows the compare match counter operation.
CMCOR
H'0000
CMCNT value
Time
Counter cleared by
CMCOR compare match
Figure 15.2 Counter Operation
15.3.2
CMCNT Count Timing
One of four clocks (
φ/8, φ/32, φ/128, φ/512) obtained by dividing the system clock (CK) can be
selected by the CKS1, CKS0 bits of the CMCSR. Figure 15.3 shows the timing.
CK
N
− 1
N
N + 1
Internal clock
CMCNT input
clock
CMCNT
Figure 15.3 Count Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com