Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 647 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 647 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 643Page - Renesas Technology Corp SH7014 Datasheet HTML 644Page - Renesas Technology Corp SH7014 Datasheet HTML 645Page - Renesas Technology Corp SH7014 Datasheet HTML 646Page - Renesas Technology Corp SH7014 Datasheet HTML 647Page - Renesas Technology Corp SH7014 Datasheet HTML 648Page - Renesas Technology Corp SH7014 Datasheet HTML 649Page - Renesas Technology Corp SH7014 Datasheet HTML 650Page - Renesas Technology Corp SH7014 Datasheet HTML 651Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 647 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 613 of 716
REJ09B0398-0500
BSC
Bit
Name
Value
Description
0
1.5 cycles
(initial value)
15
RAS Precharge Cycle Count
(TPC)
1
2.5 cycles
0
1 cycle
(initial value)
14
RAS—CAS Delay Cycle
Count (RCD)
1
2 cycles
0
0
2.5 cycles
(initial value)
0
1
3.5 cycles
1
0
4.5 cycles
13, 12
CAS—Before-RAS Refresh
RAS Assert Cycle Count
(TRAS1 and TRAS0)
1
1
5.5 cycles
0
0
2-cycle (no wait) external wait disabled
(initial value)
0
1
3-cycle (1 wait) external wait disabled
1
0
4-cycle (2 wait) external wait enabled
11, 10
DRAM Write Cycle Wait Count
(DWW1 and DWW0)
1
1
5-cycle (3 wait) external wait enabled
0
0
2-cycle (no wait) external wait disabled
(initial value)
0
1
3-cycle (1 wait) external wait disabled
1
0
4-cycle (2 wait) external wait enabled
9, 8
DRAM Read Cycle Wait Count
(DWR1 and DWR0)
1
1
5-cycle (3 wait) external wait enabled
0
No idle cycles
(initial value)
7
DRAM Idle Cycle Count (DIW)
1
1 idle cycle
0
Burst disabled
(initial value)
5
Burst Enable (BE)
1
DRAM high-speed page mode enabled
0
Access DRAM by RAS up mode
(initial value)
4
RAS Down Mode (RASD)
1
Access DRAM by RAS down mode
0
Byte (8-bit)
(initial value)
2
DRAM Bus Width
Specification (SZ0)
1
Word (16-bit)
0
0
9 bit
(initial value)
0
1
10 bit
1
0
11 bit
1, 0
DRAM Address Multiplex
(AMX1 and AMX0)
1
1
12 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com