Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 648 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 648 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 644Page - Renesas Technology Corp SH7014 Datasheet HTML 645Page - Renesas Technology Corp SH7014 Datasheet HTML 646Page - Renesas Technology Corp SH7014 Datasheet HTML 647Page - Renesas Technology Corp SH7014 Datasheet HTML 648Page - Renesas Technology Corp SH7014 Datasheet HTML 649Page - Renesas Technology Corp SH7014 Datasheet HTML 650Page - Renesas Technology Corp SH7014 Datasheet HTML 651Page - Renesas Technology Corp SH7014 Datasheet HTML 652Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 614 of 716
REJ09B0398-0500
BSC
Refresh Timer Control/Status Register (RTCSR)
H'FFFF862C
8/16/32
Bit
Item
15
14
13
12
11
10
9
8
Bit name
―
―
―
―
―
―
―
―
Initial value
0
0
0
0
0
0
0
0
R/W
R
R
R
R
R
R
R
R
Item
7
6
5
4
3
2
1
0
Bit name
―
CMF
CMIE
CKS2
CKS1
CKS0
RFSH
RMD
Initial value
0
0
0
0
0
0
0
0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Value
Description
0
Clear condition: After RTCSR is read when CMF is
1, 0 is written in CMF
(initial value)
6
Compare Match Flag (CMF)
1
Set condition: RTCNT = RTCOR
Note: When both RTCNT and RTCOR are in an
initialized state (when values have not been
rewritten since initialization, and RTCNT has
not had its value changed due to a countup),
RTCNT and RTCOR match, as both are
H'0000, but in this case CMF is not set.
0
Disables an interrupt request caused by CMF
(initial value)
5
Compare Match Interrupt
Enable (CMIE)
1
Enables an interrupt request caused by CMF
0
Stops count-up
(initial value)
0
1
φ/2
0
φ/8
0
1
1
φ/32
0
φ/128
0
1
φ/512
0
φ/2048
4 to 2
Clock Select (CKS2 to CKS0)
1
1
1
φ/4096
0
Do not refresh DRAM
(initial value)
1
Refresh Control (RFSH)
1
Refresh DRAM
0
CAS-before-RAS refresh
(initial value)
0
Refresh Mode (RMD)
1
Self-refresh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com