Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 652 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 652 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 648Page - Renesas Technology Corp SH7014 Datasheet HTML 649Page - Renesas Technology Corp SH7014 Datasheet HTML 650Page - Renesas Technology Corp SH7014 Datasheet HTML 651Page - Renesas Technology Corp SH7014 Datasheet HTML 652Page - Renesas Technology Corp SH7014 Datasheet HTML 653Page - Renesas Technology Corp SH7014 Datasheet HTML 654Page - Renesas Technology Corp SH7014 Datasheet HTML 655Page - Renesas Technology Corp SH7014 Datasheet HTML 656Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 618 of 716
REJ09B0398-0500
DMAC
Bit
Name
Value
Description
0
Source address fixed
(initial value)
0
1
Source address incremented (+1 during 8-bit
transfer, +2 during 16-bit transfer, +4 during
32-bit transfer)
0
Source address decremented (–1 during 8-bit
transfer, –2 during 16-bit transfer, –4 during
32-bit transfer)
13, 12
Source Address Mode 1, 0
(SM1 and SM0)
1
1
(Setting prohibited)
0
External request, dual address mode
(initial value)
0
1
(Prohibited)
0
External request, single address mode.
External address space
→ external device.
0
1
1
External request, single address mode.
External device
→ external address space.
0
Auto-request
0
1
(Prohibited)
0
MTUTGI0A
0
1
1
1
MTUTGI1A
0
MTUTGI2A
0
1
(Prohibited)
0
(Prohibited)
0
1
1
A/D ADI
0
SCI0TXI0
0
1
RXI0
0
SCI1TXI1
11 to 8
Resource Select 3 to 0
(RS3 to RS0)
1
1
1
1
RXI1
0
Low-level detection
(initial value)
6
DREQ Select (DS)
1
Falling-edge detection
0
Cycle steal mode
(initial value)
5
Transfer Mode (TM)
1
Burst mode
0
Specifies byte size (8 bits)
(initial value)
0
1
Specifies word size (16 bits)
0
Specifies longword size (32 bits)
4, 3
Transfer Size 1, 0 (TS1, TS0)
1
1
(Prohibited)
0
Interrupt request not generated after
DMATCR—specified transfer count
(initial value)
2
Interrupt Enable (IE)
1
Interrupt request enabled on completion of
DMATCR specified number of transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com