Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 651 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 651 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 647Page - Renesas Technology Corp SH7014 Datasheet HTML 648Page - Renesas Technology Corp SH7014 Datasheet HTML 649Page - Renesas Technology Corp SH7014 Datasheet HTML 650Page - Renesas Technology Corp SH7014 Datasheet HTML 651Page - Renesas Technology Corp SH7014 Datasheet HTML 652Page - Renesas Technology Corp SH7014 Datasheet HTML 653Page - Renesas Technology Corp SH7014 Datasheet HTML 654Page - Renesas Technology Corp SH7014 Datasheet HTML 655Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 617 of 716
REJ09B0398-0500
DMAC
DMA Channel Control Registers 0, 1
(CHCR0, CHCR1)
H'FFFF86CC (Channel 0)
H'FFFF86DC (Channel 1)
8/16/32
Bit
Item
31
30
29
28
27
26
25
24
Bit name
―
―
―
―
―
―
―
―
Initial value
0
0
0
0
0
0
0
0
R/W
R
R
R
R
R
R
R
R
Item
23
22
21
20
19
18
17
16
Bit name
―
―
―
―
―
RL
AM
AL
Initial value
0
0
0
0
0
0
0
0
R/W
R
R
R
R
R
R/W
R/W
R/W
Item
15
14
13
12
11
10
9
8
Bit name
DM1
DM0
SM1
SM0
RS3
RS2
RS1
RS0
Initial value
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Item
7
6
5
4
3
2
1
0
Bit name
―
DS
TM
TS1
TS0
IE
TE
DE
Initial value
0
0
0
0
0
0
0
0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/(W)
R/W
Bit
Name
Value
Description
0
Output DRAK with active high
(initial value)
18
Request Check Level (RL)
1
Output DRAK with active low
0
Outputs DACK during read cycle
(initial value)
17
Acknowledge Mode (AM)
1
Outputs DACK during write cycle
0
Active high output
(initial value)
16
Acknowledge Level (AL)
1
Active low output
0
Destination address fixed
(initial value)
0
1
Destination address incremented (+1 during 8-bit
transfer, +2 during 16-bit transfer, +4 during 32-bit
transfer)
0
Destination address decremented (–1 during 8-bit
transfer, –2 during 16-bit transfer, –4 during 32-bit
transfer)
15, 14
Destination Address Mode 1, 0
(DM1 and DM0)
1
1
(Setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com