Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 653 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 653 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 649Page - Renesas Technology Corp SH7014 Datasheet HTML 650Page - Renesas Technology Corp SH7014 Datasheet HTML 651Page - Renesas Technology Corp SH7014 Datasheet HTML 652Page - Renesas Technology Corp SH7014 Datasheet HTML 653Page - Renesas Technology Corp SH7014 Datasheet HTML 654Page - Renesas Technology Corp SH7014 Datasheet HTML 655Page - Renesas Technology Corp SH7014 Datasheet HTML 656Page - Renesas Technology Corp SH7014 Datasheet HTML 657Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 653 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 619 of 716
REJ09B0398-0500
DMAC
Bit
Name
Value
Description
0
DMATCR—specified transfer count not ended
(initial value)
Clear condition: 0 write after TE = 1 read,
Power-on reset, standby mode
1
Transfer End Flag (TE)
1
DMATCR specified number of transfers
completed
0
Operation of the corresponding channel
disabled
(initial value)
0
DMAC Enable (DE)
1
Operation of the corresponding channel
enabled
DMAC Operation Register (DMAOR)
H'FFFF86B0
8/16/32
Bit
Item
15
14
13
12
11
10
9
8
Bit name
―
―
―
―
―
―
―
―
Initial value
0
0
0
0
0
0
0
0
R/W
R
R
R
R
R
R
R
R
Item
7
6
5
4
3
2
1
0
Bit name
―
―
―
―
―
AE
NMIF
DME
Initial value
0
0
0
0
0
0
0
0
R/W
R
R
R
R
R
R/(W)
R/(W)*
R/W*
Note:
*
0 write only is valid after 1 is read.
Bit
Name
Value
Description
0
No address error, DMA transfer enabled (initial value)
Clearing condition: Write AE = 0 after reading AE = 1
2
Address Error Flag (AE)
1
Address error, DMA transfer disabled
Setting condition: Address error due to DMAC
0
No NMI interrupt, DMA transfer enabled
(initial value)
Clearing condition: Write NMIF = 0 after reading NMIF
= 1
1
NMI Flag (NMIF)
1
NMI has occurred, DMC transfer prohibited
Set condition: NMI interrupt occurrence
0
Disable operation on all channels
(initial value)
0
DMAC Master Enable (DME)
1
Enable operation on all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com