Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 235Page - Renesas Technology Corp SH7014 Datasheet HTML 236Page - Renesas Technology Corp SH7014 Datasheet HTML 237Page - Renesas Technology Corp SH7014 Datasheet HTML 238Page - Renesas Technology Corp SH7014 Datasheet HTML 239Page - Renesas Technology Corp SH7014 Datasheet HTML 240Page - Renesas Technology Corp SH7014 Datasheet HTML 241Page - Renesas Technology Corp SH7014 Datasheet HTML 242Page - Renesas Technology Corp SH7014 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 205 of 716
REJ09B0398-0500
Bits 3 to 0
⎯Modes 3 to 0 (MD3 to MD0): These bits set the timer operation mode.
Bit 3
MD3
Bit 2
MD2
Bit 1
MD1
Bit 0
MD0
Description
0
0
0
0
Normal operation
(initial value)
1
Reserved (do not set)
1
0
PWM mode 1
1
PWM mode 2
1
0
0
Phase counting mode 1*
1
Phase counting mode 2*
1
0
Phase counting mode 3*
1
Phase counting mode 4*
1
0
0
0
Reserved (do not set)
1
Reserved (do not set)
1
0
Reserved (do not set)
1
Reserved (do not set)
1
0
0
Reserved (do not set)
1
Reserved (do not set)
1
0
Reserved (do not set)
1
Reserved (do not set)
Note:
*
Phase measurement mode can not be set for channel 0.
10.2.3
Timer I/O Control Register (TIOR)
The TIOR is a register that controls the TGR. The MTU has four TIOR registers, two for channels
0 and one each for channels 1 and 2. TIOR is initialized to H'00 by a power-on reset or the standby
mode.
Channel 0: TIOR0H
Channels 1, 2: TIOR1, TIOR2
Bit:
7
6
5
4
3
2
1
0
IOB3
IOB2
IOB1
IOB0
IOA3
IOA2
IOA1
IOA0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com