| Electronic Components Datasheet Search |
|
SH7014 Datasheet(PDF) 250 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 Datasheet(HTML) 250 Page - Renesas Technology Corp |
|
250 / 754 page ![]() 10. Multifunction Timer Pulse Unit (MTU) Rev.5.00 Sep. 27, 2007 Page 216 of 716 REJ09B0398-0500 Bit 3 ⎯TGR Interrupt Enable D (TGIED): Enables or disables interrupt TGFD requests when the TGFD bit of the channel 0 TSR register is set to 1. This bit is reserved for channels 1 and 2. It always reads as 0. The write value should always be 0. Bit 3 TGIED Description 0 Disable interrupt requests (TGID) due to the TGFD bit (initial value) 1 Enable interrupt requests (TGID) due to the TGFD bit Bit 2 ⎯TGR Interrupt Enable C (TGIEC): Enables or disables TGFC interrupt requests when the TGFC bit of the Channel 0 TSR register is set to 1. This bit is reserved for channels 1 and 2. It always reads as 0. The write value should always be 0. Bit 2 TGIEC Description 0 Disable interrupt requests (TGIC) due to the TGFC bit (initial value) 1 Enable interrupt requests (TGIC) due to the TGFC bit Bit 1 ⎯TGR Interrupt Enable B (TGIEB): Enables or disables TGFB interrupt requests when the TGFB bit of the TSR register is set to 1. Bit 1 TGIEB Description 0 Disable interrupt requests (TGIB) due to the TGFB bit (initial value) 1 Enable interrupt requests (TGIB) due to the TGFB bit Bit 0 ⎯TGR Interrupt Enable A (TGIEA): Enables or disables TGFA interrupt requests when the TGFA bit of the TSR register is set to 1. Bit 0 TGIEA Description 0 Disable interrupt requests (TGIA) due to the TGFA bit (initial value) 1 Enable interrupt requests (TGIA) due to the TGFA bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |