Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 248Page - Renesas Technology Corp SH7014 Datasheet HTML 249Page - Renesas Technology Corp SH7014 Datasheet HTML 250Page - Renesas Technology Corp SH7014 Datasheet HTML 251Page - Renesas Technology Corp SH7014 Datasheet HTML 252Page - Renesas Technology Corp SH7014 Datasheet HTML 253Page - Renesas Technology Corp SH7014 Datasheet HTML 254Page - Renesas Technology Corp SH7014 Datasheet HTML 255Page - Renesas Technology Corp SH7014 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 218 of 716
REJ09B0398-0500
Bit 5
⎯Underflow Flag (TCFU): This status flag indicates the occurrence of a channel 1, 2
TCNT counter underflow.
This bit is reserved in channel 0. This bit always reads as 0. The write value should always be 0.
Bit 5
TCFU
Description
0
Clear condition: With TCFU = 1, a 0 write to TCFU after reading it
(initial value)
1
Set condition: When the TCNT value underflows (H'0000
→ H'FFFF)
Bit 4
⎯Overflow Flag (TCFV): This status flag indicates the occurrence of a TCNT counter
overflow.
Bit 4
TCFV
Description
0
Clear condition: With TCFV = 1, a 0 write to TCFV after reading it
(initial value)
1
Set condition: When the TCNT value overflows (H'FFFF
→ H'0000)
Bit 3
⎯Input Capture/Output Compare Flag D (TGFD): This status flag indicates the
occurrence of a channel 0 TGRD register input capture or compare-match.
This bit is reserved in channels 1 and 2. It always reads as 0. The write value should always be 0.
Bit 3
TGFD
Description
0
Clear condition: With TGFD = 1, a 0 write to TGFD following a read
(initial value)
1
Set conditions:
• When TGRD is functioning as an output compare register
(TCNT = TGRD)
• When TGRD is functioning as input capture (the TCNT value is sent
to TGRD by the input capture signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com