| Electronic Components Datasheet Search |
|
SH7014 Datasheet(PDF) 255 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 Datasheet(HTML) 255 Page - Renesas Technology Corp |
|
255 / 754 page ![]() 10. Multifunction Timer Pulse Unit (MTU) Rev.5.00 Sep. 27, 2007 Page 221 of 716 REJ09B0398-0500 10.2.7 Timer General Register (TGR) Each timer general register (TGR) is a 16-bit register that can function as either an output compare register or an input capture register. There are a total of eight TGR, four for channel 0, and two each for channels 1 and 2. The TGRC and TGRD of channel 0 can be set to operate as buffer registers. The TGR register and buffer register combinations are TGRA with TGRC, and TGRB with TGRD. The TGRs are initialized to H'FFFF by a power-on reset or in standby mode. Accessing of the TGRs in 8-bit units is disabled; they may only be accessed in 16-bit units. Bit: 15 14 13 12 11 10 9 8 Initial value: 1 1 1 1 1 1 1 1 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 7 6 5 4 3 2 1 0 Initial value: 1 1 1 1 1 1 1 1 R/W: R/W R/W R/W R/W R/W R/W R/W R/W 10.2.8 Timer Start Register (TSTR) The timer start register (TSTR) is an 8-bit read/write register that starts and stops the timer counters (TCNT) of channels 0 to 2. TSTR is initialized to H'00 upon power-on reset or standby mode. Bit: 7 6 5 4 3 2 1 0 ⎯ ⎯ ⎯ ⎯ ⎯ CST2 CST1 CST0 Initial value: 0 0 0 0 0 0 0 0 R/W: R R R R R R/W R/W R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |