Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 254Page - Renesas Technology Corp SH7014 Datasheet HTML 255Page - Renesas Technology Corp SH7014 Datasheet HTML 256Page - Renesas Technology Corp SH7014 Datasheet HTML 257Page - Renesas Technology Corp SH7014 Datasheet HTML 258Page - Renesas Technology Corp SH7014 Datasheet HTML 259Page - Renesas Technology Corp SH7014 Datasheet HTML 260Page - Renesas Technology Corp SH7014 Datasheet HTML 261Page - Renesas Technology Corp SH7014 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 224 of 716
REJ09B0398-0500
10.3
Bus Master Interface
10.3.1
16-Bit Registers
The timer counters (TCNT) and general registers (TGR) are 16-bit registers. A 16-bit data bus to
the bus master enables 16-bit read/writes. 8-bit read/write is not possible. Always access in 16-bit
units. Figure 10.2 shows an example of 16-bit register access operation.
TCNTH
TCNTL
Bus
interface
Upper 8 bits
Lower 8 bits
Bus master
Internal data bus
Module data bus
Figure 10.2 16-Bit Register Access Operation (Bus Master
↔ TCNT (16 Bit))
10.3.2
8-Bit Registers
All registers other than the TCNT and general registers (TGR) are 8-bit registers. These are
connected to the CPU by a 16-bit data bus, so 16-bit read/writes and as 8-bit read/writes are both
possible (figures 10.3 to 10.5).
TCR
Bus
interface
Upper 8 bits
Lower 8 bits
Bus master
Internal data bus
Module data bus
Figure 10.3 8-Bit Register Access Operation (Bus Master
↔ TCR (Upper 8 Bits))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com