Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 256Page - Renesas Technology Corp SH7014 Datasheet HTML 257Page - Renesas Technology Corp SH7014 Datasheet HTML 258Page - Renesas Technology Corp SH7014 Datasheet HTML 259Page - Renesas Technology Corp SH7014 Datasheet HTML 260Page - Renesas Technology Corp SH7014 Datasheet HTML 261Page - Renesas Technology Corp SH7014 Datasheet HTML 262Page - Renesas Technology Corp SH7014 Datasheet HTML 263Page - Renesas Technology Corp SH7014 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 226 of 716
REJ09B0398-0500
10.4
Operation
10.4.1
Overview
The operation modes are described below.
Ordinary Operation: Each channel has a timer counter (TCNT) and general register (TGR). The
TCNT is an upcounter and can also operate as a free-running counter, periodic counter or external
event counter. General registers (TGR) can be used as output compare registers or input capture
registers.
Synchronized Operation: The TCNT of a channel set for synchronized operation does a
synchronized preset. When any TCNT of a channel operating in the synchronized mode is
rewritten, the TCNTs of other channels are simultaneously rewritten as well. The timer
synchronization bits of the TSYR registers of multiple channels set for synchronous operation can
be set to clear the TCNTs simultaneously.
Buffer Operation: When TGR is an output compare register, the buffer register value of the
corresponding channel is transferred to the TGR when a compare-match occurs. When TGR is an
input capture register, the TCNT counter value is transferred to the TGR when an input capture
occur simultaneously the value previously stored in the TGR is transferred to the buffer register.
Cascade Connection Operation: The channel 1 and channel 2 counters (TCNT1 and TCNT2)
can be connected together to operate as a 32-bit counter.
PWM Mode: In PWM mode, a PWM waveform is output. The output level can be set by the
TIOR register. Each TGR can be set for PWM waveform output with a duty cycle between 0
%
and 100
%.
Phase Counting Mode: In phase counting mode, the phase differential between two clocks input
from the channel 1 and channel 2 external clock input pins is detected and the TCNT counter
operates as an up/down counter. In phase counting mode, the corresponding TCLK pins become
clock inputs and TCNT functions as an up/down counter. It can be used as a two-phase encoder
pulse input.
10.4.2
Basic Functions
Always select MTU external pin set function using the pin function controller (PFC).
Counter Operation: When a start bit (CST0 to CST2) in the timer start register (TSTR) is set to
1, the corresponding timer counter (TCNT) starts counting. There are two counting modes: a free-
running mode and a periodic mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com