Electronic Components Datasheet Search
  English  ▼

X  

SH7059 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7059 Datasheet HTML 45Page - Renesas Technology Corp SH7059 Datasheet HTML 46Page - Renesas Technology Corp SH7059 Datasheet HTML 47Page - Renesas Technology Corp SH7059 Datasheet HTML 48Page - Renesas Technology Corp SH7059 Datasheet HTML 49Page - Renesas Technology Corp SH7059 Datasheet HTML 50Page - Renesas Technology Corp SH7059 Datasheet HTML 51Page - Renesas Technology Corp SH7059 Datasheet HTML 52Page - Renesas Technology Corp SH7059 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page xlix of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
23.9.1 Pin Arrangement of Socket Adapter
Figure 23.25 Pin Arrangement of Socket Adapter
896
SH7058F
Pin Name
Pin No.
Pin No.
7A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
D0
D1
D2
D3
D4
D5
D6
D7
CE
OE
WE
FWE
Vcc
Vss
RES
XTAL
EXTAL
PLLVcc
PLLCAP
PLLVss
VCL
NC (OPEN)
8
9
10
12
14
15
16
17
18
19
21
23
24
25
26
27
28
29
63
64
65
66
67
68
69
71
218
230
226
56
11,20,39,42,43,46,49,52,55,57,
59,70,75,83,100,101,119,120,
128,139,148,172,187,194,203,
212,237,247
13,22,32,41,44,47,50,54,72,77,
84,85,99,121,126,141,150,163,
174,185,196,205,214,227,239,
249
HN27C4096HG (40 pins)
Pin Name
21
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
I/00
I/01
I/02
I/03
I/04
I/05
I/06
I/07
CE
OE
WE
FWE
Vss
Vcc
NC
A20
A19
22
23
24
25
26
27
28
29
31
32
33
34
35
36
37
38
39
10
19
A19
31
A19
9
18
17
16
15
14
13
12
2
20
3
4
1,40
11,30
5,6,7
8
9
58
53
51
60
61
62
30,161,225
Other
Power-on
reset circuit
Oscillator
circuit
PLL circuit
Capacitor
FWE
I/07 to 0
A19 to 0
CE
OE
WE
<Legend>
Socket Adapter
(40-Pin
Conversion)
: Flash-write enable
: Data I/O
: Address input
: Chip enable
: Output enable
: Write enable
24.9.1 Pin Arrangement of Socket Adapter
Figure 24.25 Pin Arrangement of Socket Adapter
Figure amended
BP-272 and Note * added
Pin No.
SH7058SF
Pin Name
FP-256H
Pin No.
7A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
D0
D1
D2
D3
D4
D5
D6
D7
CE
OE
WE
FWE
Vcc
Vss
34
A21
RES
XTAL
EXTAL
PLLVcc
PLLCAP
PLLVss
VCL
NC (OPEN)
8
9
10
12
14
15
16
17
18
19
21
23
24
25
26
27
28
29
63
64
65
66
67
68
69
71
218
230
226
56
11,20,37,39,42,43,46,49,52,55,
57,59,70,75,83,100,101,119,
120,128,139,148,172,187,194,
203,212,237,247
13,22,32,41,44,47,50,54,72,77,
84,85,99,121,126,141,150,163,
174,185,196,205,214,227,239,
249
HN27C4096HG (40 pins)
Pin Name
21
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18*
1
I/00
I/01
I/02
I/03
I/04
I/05
I/06
I/07
CE
OE
WE
FWE
Vss
Vcc
NC
A20*
1
22
23
24
25
26
27
28
29
31
32
33
34
35
36
37
38
39
10
19
A19
31
A20
33
A19*
1
9
18
17
16
15
14
13
12
2
20
3
4
1,40
11,30
5,6,7
8
58
53
51
60
61
62
30,161,225
Other
BP-272
B3
D4
C4
A3
B4
A4
C5
B5
A5
D6
B6
A6
C7
B7
A7
D8
C8
B8
A8
D15
B18
A19
C18
B19
B20
C17
C19
P1
K2
L3
D14
C10
D5,C6,A10,C11,A12,C12,C13,
D13,B14,C15,A16,C16,D16,F17,
F18,K19,K20,T20,T19,U19,U16,
V15,V9,U6,V5,U4,P3,J3,H4
A9,B13,B15,D7,B12,D11,C14,F19,
G3,G17,E20,J4,J20,U20,J9 to 12,
K9 to 12,L9 to 12,M1,M9 to 12,P4,
T18,U5,U9,V6,V16,W11
D9
C9
B16
A15
A14
A17
B17
A18
B9,Y11,M2
Other
Power-on
reset circuit
Oscillator
circuit
PLL circuit
Capacitor
Socket Adapter
(40-Pin
Conversion)
Note: *With using the
HN27C4096HG
as the base,
unused I/O pins
are adopted to
make up for the
shortage of
address pins.
FWE
I/07 to 0
A21 to 0
CE
OE
WE
Legend:
: Flash-write enable
: Data I/O
: Address input
: Chip enable
: Output enable
: Write enable
23.9.2 Programmer Mode Operation
Table 23.14 Settings for Each Operating Mode of
Programmer Mode
897
Pin Name
Mode
A19 to A0
24.9.2 Programmer Mode Operation
Table 23.14 Settings for Each Operating Mode of
Programmer Mode
Table amended
Pin Name
Mode
A20 to A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com