Electronic Components Datasheet Search
  English  ▼

X  

SH7059 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SH7059 Datasheet HTML 5Page - Renesas Technology Corp SH7059 Datasheet HTML 6Page - Renesas Technology Corp SH7059 Datasheet HTML 7Page - Renesas Technology Corp SH7059 Datasheet HTML 8Page - Renesas Technology Corp SH7059 Datasheet HTML 9Page - Renesas Technology Corp SH7059 Datasheet HTML 10Page - Renesas Technology Corp SH7059 Datasheet HTML 11Page - Renesas Technology Corp SH7059 Datasheet HTML 12Page - Renesas Technology Corp SH7059 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page ix of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
1.2 Block Diagram
Figure 1.1 Block Diagram
7
Port
PL7/SCK2
PL12/
IRQ4
PL13/
IRQOUT
PA14/TxD0
PA15/RxD0
PB13/SCK0
PB15/PULS5/SCK2
PC2/TxD2
PC3/RxD2
XTAL
→ Clock pulse generator
Peripheral address bus (9 bits)
1.2 Block Diagram
Figure 1.1 Block Diagram
Figure amended
Port
SSCK1/PL7/SCK2
SCS0/PL12/IRQ4
SCS1/PL13/IRQOUT
PA14/TxD0/SSO0
PA15/RxD0/SSI0
PB13/SCK0/SSCK0
PB15/PULS5/SCK2/SSCK1
PC2/TxD2/SSO1
PC3/RxD2/SSI1
XTAL
↔ Clock pulse generator
Peripheral address bus (19 bits)
1.3.1 Pin Arrangement
Figure 1.2 Pin Arrangement (FP-256H)
8
45 PF14/
BACK
46 PF15/
BREQ
143 PA14/TxD0
144 PA15/RxD0
160 PB13/SCK0
164 PB15/PULS5/SCK2
167 PC2/TxD2
168 PC3/RxD2
223 PL7/SCK2
230 PL12/
IRQ4
231 PL13/
IRQOUT
1.3.1 Pin Arrangement
Figure 1.2 Pin Arrangement
Pin name added
45
SCS0/PF14/BACK
46
SCS1/PF15/BREQ
143 PA14/TxD0/SSO0
144 PA15/RxD0/SSI0
160 PB13/SCK0/SSCK0
164 PB15/PULS5/SCK2/SSCK1
167 PC2/TxD2/SSO1
168 PC3/RxD2/SSI1
223 SSCK1/PL7/SCK2
230
SCS0/PL12/IRQ4
231
SCS1/PL13/IRQOUT
Figure 1.3 Pin Assignments
9
C13 PF15/BREQ
D12 PF14/BACK
K1 PL13/IRQOUT
K2 PL12/IRQ4
M3 PL7/SCK2
U10 PC3/RxD2
U12 PB15/PULS5/SCK2
W10 PC2/TxD2
Y12 PB13/SCK0
Figure 1.3 Pin Arrangement (BP-272)
Pin name added
C13 PF15/BREQ/
SCS1
D12 PF14/BACK/
SCS0
K1 PL13/IRQOUT/
SCS1
K2 PL12/IRQ4/
SCS0
M3 PL7/SCK2/SSCK1
U10 PC3/RxD2/SSI1
U12 PB15/PULS5/SCK2/SSCK1
W10 PC2/TxD2/SSO1
Y12 PB13/SCK0/SSCK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com