Electronic Components Datasheet Search
  English  ▼

X  

SH7059 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SH7059 Datasheet HTML 6Page - Renesas Technology Corp SH7059 Datasheet HTML 7Page - Renesas Technology Corp SH7059 Datasheet HTML 8Page - Renesas Technology Corp SH7059 Datasheet HTML 9Page - Renesas Technology Corp SH7059 Datasheet HTML 10Page - Renesas Technology Corp SH7059 Datasheet HTML 11Page - Renesas Technology Corp SH7059 Datasheet HTML 12Page - Renesas Technology Corp SH7059 Datasheet HTML 13Page - Renesas Technology Corp SH7059 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page x of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
1.3.2 Pin Functions
Table 1.2 Pin Functions
11
Pin No.
Type
Symbol
FP-256H
BP-272
I/O
Clock
XTAL
53
A15
Input
1.3.2 Pin Functions
Table 1.2 Pin Functions
Table amended
Pin No.
Type
Symbol
FP-256H
BP-272
I/O
Clock
XTAL
53
A15
Input/
output
Synchronous Serial Communication Unit (SSU) added
SSO0, SSO1, SSI0, SSI1, SSCK0, SSCK1,
SCS0, SCS1
1.3.3 Pin Assignments
Table 1.3 Pin Assignments
20, 23, 24, 26
Pin No.
FP-256H
BP-272
MCU Mode
Programmer Mode
33
C9
PF4/A20
NC
34
C10
PF5/A21/
POD
NC
45
D12
PF14/
BACK
NC
46
C13
PF15/
BREQ
Vcc
143
Y17
PA14/TxD0
NC
144
Y16
PA15/RxD0
NC
160
Y12
PB13/SCK0
NC
164
U12
PB15/PULS5/SCK2
NC
167
W10
PC2/TxD2
NC
168
U10
PC3/RxD2
NC
223
M3
PL7/SCK2
NC
230
K2
PL12/
IRQ4
OE
231
K1
PL13/
IRQOUT
NC
1.3.3 Pin Assignments
Table 1.3 Pin Assignments
Table amended
Pin No.
FP-256H
BP-272
MCU Mode
Programmer Mode
33
C9
PF4/A20
A20
34
C10
PF5/A21/
POD
A21
45
D12
PF14/
BACK/SCS0
NC
46
C13
PF15/
BREQ/SCS1
Vcc
143
Y17
PA14/TxD0/
SSO0
NC
144
Y16
PA15/RxD0/
SSI0
NC
160
Y12
PB13/SCK0/
SSCK0
NC
164
U12
PB15/PULS5/SCK2/
SSCK1
NC
167
W10
PC2/TxD2/
SSO1
NC
168
U10
PC3/RxD2/
SSI1
NC
223
M3
PL7/SCK2/
SSCK1
NC
230
K2
PL12/
IRQ4/SCS0
OE
231
K1
PL13/
IRQOUT/SCS1
NC
2.3.1 RISC-type Instruction Set
One Instruction per Cycle:
35
The microprocessor can execute basic instructions in one
cycle using the pipeline system. Instructions are executed
in 25 ns at 40 MHz.
2.3.1 RISC-type Instruction Set
One Instruction per Cycle
Description amended
The microprocessor can execute basic instructions in one
cycle using the pipeline system. Instructions are executed
in 12.5 ns at 80 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com