Electronic Components Datasheet Search
  English  ▼

X  

SH7059 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7059 Datasheet HTML 24Page - Renesas Technology Corp SH7059 Datasheet HTML 25Page - Renesas Technology Corp SH7059 Datasheet HTML 26Page - Renesas Technology Corp SH7059 Datasheet HTML 27Page - Renesas Technology Corp SH7059 Datasheet HTML 28Page - Renesas Technology Corp SH7059 Datasheet HTML 29Page - Renesas Technology Corp SH7059 Datasheet HTML 30Page - Renesas Technology Corp SH7059 Datasheet HTML 31Page - Renesas Technology Corp SH7059 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page xxviii of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
19.3.5 Boundary scan register (SDBSR)
Table 19.5 Correspondence between Pins and Boundary
Scan Register Bits
708, 710, 711, 713, 718
Pin No.
Pin Name
45
PF14/
BACK
46
PF15/
BREQ
135
PA8/TIIO4A
136
PA9/TIO4B
137
PA10/TIO4C
138
PA11/TIO4D
143
PA14/TxD0
144
PA15/RxD0
160
PB13/SCK0
164
PB15/PULS5/
SCK2
167
PC2/TxD2
168
PC3/RxD2
223
PL7/SCK2
230
PL12/
IRQ4
231
PL13/
IRQOUT
20.3.5 Boundary scan register (SDBSR)
Table 20.5 Correspondence between Pins and Boundary
Scan Register Bits
Table amended
Pin No.
Pin Name
45
PF14/
BACK/SCS0
46
PF15/
BREQ/SCS1
135
PA8/TIIO4A
/ADTO0A
136
PA9/TIO4B
/ADTO0B
137
PA10/TIO4C
/ADTO1A
138
PA11/TIO4D
/ADTO1B
143
PA14/TxD0
/SSO0
144
PA15/RxD0
/SSI0
160
PB13/SCK0
/SSCK0
164
PB15/PULS5/
SCK2/SSCK1
167
PC2/TxD2/SSO1
168
PC3/RxD2/SSI1
223
PL7/SCK2/SSCK1
230
PL12/
IRQ4/SCS0
231
PL13/
IRQOUT/SCS1
19.3.6 ID code register (SDIDR)
719
The ID code register (SDIDR) is a 32-bit register. In the
IDCODE mode, SDIDR can output H'001D200F, which is a
fixed code, from TDO. However, no serial data can be
written to SDIDR via TDI. For SDIDR, read/write by the
CPU cannot be performed.
Table
27
12 11
1
0001
0001
1101
0010 0000
0000
111
20.3.6 ID code register (SDIDR)
Description and table amended
The ID code register (SDIDR) is a 32-bit register. In the
IDCODE mode, SDIDR outputs a fixed code via TDO. The
codes are H'0802558 for the SH7058SF and H'0800B447
for the SH7059F. Serial data can not be written to SDIDR
via TDI. For SDIDR, read/write by the CPU cannot be
performed.
(SH7058SF)
27
12
11
1
1000
0000
0001
0110
0100
0100
011
(SH7059F)
27
12
11
1
1000
0000
0000
1011
0100
0100
011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com