Electronic Components Datasheet Search
  English  ▼

X  

SH7059 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 5 Page - Renesas Technology Corp

  SH7059 Datasheet HTML 1Page - Renesas Technology Corp SH7059 Datasheet HTML 2Page - Renesas Technology Corp SH7059 Datasheet HTML 3Page - Renesas Technology Corp SH7059 Datasheet HTML 4Page - Renesas Technology Corp SH7059 Datasheet HTML 5Page - Renesas Technology Corp SH7059 Datasheet HTML 6Page - Renesas Technology Corp SH7059 Datasheet HTML 7Page - Renesas Technology Corp SH7059 Datasheet HTML 8Page - Renesas Technology Corp SH7059 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1042 page
background image
Rev.3.00 Mar. 12, 2008 Page v of xc
REJ09B0177-0300
Preface
The SH7059/SH7058S is a single-chip RISC (reduced instruction set computer) microcomputer that has the 32-bit internal
architecture CPU, SH-2E, as its core, and also includes peripheral functions necessary for system configuration.
This LSI is equipped with on-chip peripheral functions necessary for system configuration, including a floating-point unit
(FPU), large-capacity ROM and RAM, a direct memory access controller (DMAC), timers, a serial communication
interface (SCI), controller area network (HCAN), A/D converter, and I/O ports, therefore, it can be used as a
microprocessor built in a high-level control system.
This LSI is an F-ZTAT* (Flexible Zero Turn-Around Time) version with flash memory as its on-chip ROM, and it can
rapidly and flexibly deal with each situation on an application system with fluid specifications from an early stage of mass
production to full-scale production.
Note: * F-ZTAT is a trademark of Renesas Technology, Corp.
Target users: This manual was written for users who will be using the SH7059 F-ZTAT and SH7058S F-ZTAT in the
design of application systems. Users of this manual are expected to understand the fundamentals of
electrical curcuits, logical circuits, and microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical characteristics of the SH7059
F-ZTAT and SH7058S F-ZTAT to the above users.
Refer to the SH-2E Software Manual for a detailed description of the instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts on the CPU, system
control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the SH-2E Software Manual.
Rule:
Bit order:
The MSB (most significant bit) is on the left and the LSB (least significant bit) is on the
right.
Releated Manuals: The latest versions of all related manuals are available from our web site. Please ensure you have
the latest versions of all documents you require.
http://www.renesas.com/
SH7059 F-ZTAT and SH7058S F-ZTAT manuals:
Document Title
Document No.
SH-2E SH7059 F-ZTAT
TM, SH7058S F-ZTATTM Hardware Manual
This manual
SH-2E Software Manual
REJ09B0316-0200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com