Electronic Components Datasheet Search
  English  ▼

X  

SH7059 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7059 Datasheet HTML 28Page - Renesas Technology Corp SH7059 Datasheet HTML 29Page - Renesas Technology Corp SH7059 Datasheet HTML 30Page - Renesas Technology Corp SH7059 Datasheet HTML 31Page - Renesas Technology Corp SH7059 Datasheet HTML 32Page - Renesas Technology Corp SH7059 Datasheet HTML 33Page - Renesas Technology Corp SH7059 Datasheet HTML 34Page - Renesas Technology Corp SH7059 Datasheet HTML 35Page - Renesas Technology Corp SH7059 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page xxxii of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
21.3.4 Port B Control Registers H and L (PBCRH, PBCRL)
751, 752
PBCRH and PBCRL are initialized to H'0000 by a power-on
reset (excluding a WDT power-on reset), and in hardware
standby mode. They are not initialized in software standby
mode or sleep mode.
Port B Control Register H (PBCRH)
Bit:
15
11
10
PB15
MD1
—
PB13
MD
Initial value:
0
0
0
R/W:
R/W
R
R/W
• Bits 15 and 14—PB15 Mode Bits 1 and 0 (PB15MD1,
PB15MD0): These bits select the function of pin
PB15/PULS5/SCK2.
Bit 15: PB15MD1
Bit 14: PB15MD0
Description
1
1
Reserved (Do not set)
• Bit 11—Reserved: This bit is always read as 0. The
write value should always be 0.
• Bit 10—PB13 Mode Bit (PB13MD): Selects the function
of pin PB13/SCK0.
Bit 10: PB13MD
Description
0
General input/output (PB13)
(Initial value)
1
Serial clock input/output (SCK0)
22.3.4 Port B Control Registers H and L (PBCRH, PBCRL)
Description amended
PBCRH and PBCRL are initialized to H'0000 by a power-on
reset (excluding a WDT power-on reset), in hardware
standby mode and in software standby mode. They are not
initialized in
sleep mode.
Port B Control Register H (PBCRH)
Bit:
15
11
10
PB15
MD1
PB13
MD1
PB13
MD0
Initial value:
0
0
0
R/W:
R/W
R/W
R/W
• Bits 15 and 14—PB15 Mode Bits 1 and 0 (PB15MD1,
PB15MD0): These bits select the function of pin
PB15/PULS5/SCK2/SSCK1.
Bit 15: PB15MD1
Bit 14: PB15MD0
Description
1
1
Serial clock output (SSCK1)
• Bits 11 and 10—PB13 Mode Bit 1,0 (PB13MD1,
PB13MD0): Selects the function of pin
PB13/SCK0/SSCK0.
Bit 11: PB13MD1
Bit 10: PB13MD0
Description
0
0
General input/output (PB13)
(Initial value)
1
Serial clock input/output (SCK0)
1
0
Serial clock output (SSCK0)
1
Reserved (Do not set)
21.3.5 Port B Invert Register (PBIR)
756
Bits PB15IR to PB13IR and PB11IR to PB0IR correspond
to pins PB15/PULS5/SCK2 to PB13/SCK0 and
PB11/RxD4/HRxD0/TO8H to PB0/TO6A. PBIR is enabled
when port B pins function as ATU-II outputs or serial clock
pins, and disabled otherwise.
…PBIR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), and in hardware
standby mode. It is not initialized in software standby mode
or sleep mode.
22.3.5 Port B Invert Register (PBIR)
Description amended
Bits PB15IR to PB13IR and PB11IR to PB0IR correspond
to pins PB15/PULS5/SCK2/SSCK1 to PB13/SCK0/SSCK0
and PB11/RxD4/HRxD0/TO8H to PB0/TO6A. PBIR is
enabled when port B pins function as ATU-II outputs or
serial clock pins, and disabled otherwise.
…PBIR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), in hardware standby
mode, and in software standby mode. It is not initialized in
sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com