Electronic Components Datasheet Search
  English  ▼

X  

SH7059 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH7059 Datasheet HTML 18Page - Renesas Technology Corp SH7059 Datasheet HTML 19Page - Renesas Technology Corp SH7059 Datasheet HTML 20Page - Renesas Technology Corp SH7059 Datasheet HTML 21Page - Renesas Technology Corp SH7059 Datasheet HTML 22Page - Renesas Technology Corp SH7059 Datasheet HTML 23Page - Renesas Technology Corp SH7059 Datasheet HTML 24Page - Renesas Technology Corp SH7059 Datasheet HTML 25Page - Renesas Technology Corp SH7059 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page xxii of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
Figure 15.8 Sample Flowchart for Receiving Serial Data (2)
498
Break?
No
Framing error handling
Clear RE bit in SCR to 0
Yes
Figure 15.8 Sample Flowchart for Receiving Serial Data (2)
Figure amended and note added
Break?
No
Framing error handling
Clear RE bit in SCR to 0
Yes
5
Note: Do not write to SMR, SCR, BRR, or SDCR between
the start and the end of a receive operation. However, this
does not apply to operation 5.
15.3.3 Multiprocessor Communication
Transmitting Multiprocessor Serial Data:
Figure 15.11 Sample Flowchart for Transmitting
Multiprocessor Serial Data
502
Clear TE bit in SCR to 0;
select theTxD pin function as
an output port with the PFC
15.3.3 Multiprocessor Communication
Transmitting Multiprocessor Serial Data:
Figure 15.11 Sample Flowchart for Transmitting
Multiprocessor Serial Data
Figure amended and note added
Clear TE bit in SCR to 0;
select theTxD pin function as
an output port with the PFC
5
Note: Do not write to SMR, SCR, BRR, or SDCR between
the start and the end of a transmit operation. However, this
does not apply to operation 5.
Receiving Multiprocessor Serial Data:
Figure 15.13 Sample Flowchart for Receiving
Multiprocessor Serial Data (1)
504
Clear RE bit in SCR to 0
Receiving Multiprocessor Serial Data:
Figure 15.13 Sample Flowchart for Receiving
Multiprocessor Serial Data (1)
Figure amended and note added
Clear RE bit in SCR to 0
6
Note: Do not write to SMR, SCR, BRR, or SDCR between
the start and the end of a receive operation. However, this
does not apply to operation 6.
Figure 15.14 Sample Flowchart for Receiving
Multiprocessor Serial Data (2)
505
Framing error handling
No
Clear RE bit in SCR to 0
Figure 15.14 Sample Flowchart for Receiving
Multiprocessor Serial Data (2)
Figure amended and note added
Framing error handling
No
Clear RE bit in SCR to 0
6
Note: Do not write to SMR, SCR, BRR, or SDCR between
the start and the end of a receive operation. However, this
does not apply to operation 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com