Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 165Page - Renesas Technology Corp HD6433637SW Datasheet HTML 166Page - Renesas Technology Corp HD6433637SW Datasheet HTML 167Page - Renesas Technology Corp HD6433637SW Datasheet HTML 168Page - Renesas Technology Corp HD6433637SW Datasheet HTML 169Page - Renesas Technology Corp HD6433637SW Datasheet HTML 170Page - Renesas Technology Corp HD6433637SW Datasheet HTML 171Page - Renesas Technology Corp HD6433637SW Datasheet HTML 172Page - Renesas Technology Corp HD6433637SW Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 418 page
background image
155
Port Data Register A (PDRA)
Bit
76543210
————
PA
3
PA
2
PA
1
PA
0
Initial value
11110000
Read/Write
————
R/W
R/W
R/W
R/W
PDRA is an 8-bit register that stores data for port A pins PA
3 to PA0. If port A is read while PCRA
bits are set to 1, the values stored in PDRA are directly read, regardless of the actual pin states. If
port A is read while PCRA bits are cleared to 0, the pin states are read.
Upon reset, PDRA is initialized to H'F0.
Port Control Register A (PCRA)
Bit
76543210
————
PCRA
3
PCRA
2
PCRA
1
PCRA
0
Initial value
11110000
Read/Write
————
WWWW
PCRA is an 8-bit register for controlling whether each of the port A pins PA
3 to PA0 functions as
an input or output pin. Setting a PCRA bit to 1 makes the corresponding pin an output pin, while
clearing the bit to 0 makes the pin an input pin.
Upon reset, PCRA is initialized to H'F0.
PCRA is a write-only register. All bits are read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com