Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 167Page - Renesas Technology Corp HD6433637SW Datasheet HTML 168Page - Renesas Technology Corp HD6433637SW Datasheet HTML 169Page - Renesas Technology Corp HD6433637SW Datasheet HTML 170Page - Renesas Technology Corp HD6433637SW Datasheet HTML 171Page - Renesas Technology Corp HD6433637SW Datasheet HTML 172Page - Renesas Technology Corp HD6433637SW Datasheet HTML 173Page - Renesas Technology Corp HD6433637SW Datasheet HTML 174Page - Renesas Technology Corp HD6433637SW Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 418 page
background image
157
8.10
Port B
8.10.1
Overview
Port B is an 4-bit input-only port configured as shown in figure 8.9.
PB /AN
PB /AN
PB /AN
PB /AN
7
6
5
4
7
6
5
4
Port B
Figure 8.9 Port B Pin Configuration
8.10.2
Register Configuration and Description
Table 8.26 shows the port B register configuration.
Table 8.26
Port B Register
Name
Abbrev.
R/W
Address
Port data register B
PDRB
R
H'FFDE
Port Data Register B (PDRB)
Bit
76543210
PB
7
PB
6
PB
5
PB
4
————
Read/Write
RRRR
————
Reading PDRB always gives the pin states. However, if a port B pin is selected as an analog input
channel for the A/D converter by AMR bits CH3 to CH0, that pin reads 0 regardless of the input
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com