Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 168Page - Renesas Technology Corp HD6433637SW Datasheet HTML 169Page - Renesas Technology Corp HD6433637SW Datasheet HTML 170Page - Renesas Technology Corp HD6433637SW Datasheet HTML 171Page - Renesas Technology Corp HD6433637SW Datasheet HTML 172Page - Renesas Technology Corp HD6433637SW Datasheet HTML 173Page - Renesas Technology Corp HD6433637SW Datasheet HTML 174Page - Renesas Technology Corp HD6433637SW Datasheet HTML 175Page - Renesas Technology Corp HD6433637SW Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 418 page
background image
158
8.11
Port E
8.11.1
Overview
Port E is a 2-bit I/O port, configured as shown in figure 8.10.
PE
PE
3
2
Port E
Figure 8.10 Port E Pin Configuration
8.11.2
Register Configuration and Description
Table 8.27 shows the port E register configuration.
Table 8.27
Port E Registers
Name
Abbrev.
R/W
Initial Value
Address
Port data register E
PDRE
R/W
H'F0
H'FFD3
Port control register E
PCRE
W
H'F0
H'FFE3
Port Data Register E (PDRE)
Bit
76543210
————
PE
3
PE
2
——
Initial value
11110000
Read/Write
————
R/W
R/W
——
PDRE is a 2-bit register that stores data for port E pins PE
3 and PE2. If port E is read while PCRE
bits are set to 1, the values stored in PDRE are directly read, regardless of the actual pin states. If
port E is read while PCRE bits are cleared to 0, the pin states are read.
Upon reset, PDRE is initialized to H'F0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com