Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 171Page - Renesas Technology Corp HD6433637SW Datasheet HTML 172Page - Renesas Technology Corp HD6433637SW Datasheet HTML 173Page - Renesas Technology Corp HD6433637SW Datasheet HTML 174Page - Renesas Technology Corp HD6433637SW Datasheet HTML 175Page - Renesas Technology Corp HD6433637SW Datasheet HTML 176Page - Renesas Technology Corp HD6433637SW Datasheet HTML 177Page - Renesas Technology Corp HD6433637SW Datasheet HTML 178Page - Renesas Technology Corp HD6433637SW Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 418 page
background image
161
Section 9 Timers
9.1
Overview
The H8/3637S Series provides five timers (timers A, F, G, Y, and watchdog timer) on-chip.
Table 9.1 outlines the functions of timers A, F, G, Y, and watchdog timer.
Table 9.1
Timer Functions
Name
Functions
Internal Clock
Event
Input Pin
Waveform
Output Pin
Remarks
Timer A
8-bit
timer
Interval timer ø/8 to ø/8192
(8 choices)
——
Time base
ø
W/128
(choice of 4
overflow periods)
——
Clock output
ø/4 to ø/32,
ø
W/4 to ø W/32
(8 choices)
—
TMOW
Timer F
• 16-bit free-running
timer
• Event counter
• Can be used as two
independent 8-bit
timers
• Output compare
ø/2 to ø/32
(4 choices)
TMIF
TMOFL
TMOFH
Timer G
• 8-bit timer
• Input capture
• Interval timer
ø/2 to ø/64, ø
W/2
(4 choices)
TMIG
—
• Counter clear
designation
possible
• Built-in noise
canceller
circuit for input
capture
Timer Y
• 16-bit reload timer
• Can operate as free-
running timer
• Event counter function
ø/4 to ø/8192
(7 types)
TMCIY
—
Watchdog
timer
• Reset signal
generated on 8-bit
counter overflow
ø/8192
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com