Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 169Page - Renesas Technology Corp HD6433637SW Datasheet HTML 170Page - Renesas Technology Corp HD6433637SW Datasheet HTML 171Page - Renesas Technology Corp HD6433637SW Datasheet HTML 172Page - Renesas Technology Corp HD6433637SW Datasheet HTML 173Page - Renesas Technology Corp HD6433637SW Datasheet HTML 174Page - Renesas Technology Corp HD6433637SW Datasheet HTML 175Page - Renesas Technology Corp HD6433637SW Datasheet HTML 176Page - Renesas Technology Corp HD6433637SW Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 418 page
background image
159
Port Control Register E (PCRE)
Bit
76543210
————
PCRE
3
PCRE
2
——
Initial value
11110000
Read/Write
————W
W
—
—
PCRE is a 2-bit register for controlling whether each of the port E pins PE
3 and PE2 functions as
an input pin or output pin. Setting a PCRE bit to 1 makes the corresponding pin an output pin,
while clearing the bit to 0 makes the pin an input pin.
Upon reset, PCRE is initialized to H'F0.
PCRE is a write-only register. All bits are read as 1.
8.11.3
Pin Functions
Table 8.28 shows the port E pin functions.
Table 8.28
Port E Pin Functions
Pin
Pin Functions and Selection Method
PE
3, PE2
The pin function depends on bit PCRE
n in PCRE.
(n = 3, 2)
PCRE
n
01
Pin function
PE
n input pin
PE
n output pin
8.11.4
Pin States
Table 8.29 shows the port E pin states in each operating mode.
Table 8.29
Port E Pin States
Pins
Reset
Sleep
Subsleep Standby
Watch
Subactive Active
PE
3, PE2
High-
impedance
Retains
previous
state
Retains
previous
state
High-
impedance
Retains
previous
state
Functional
Functional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com