Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 362Page - Renesas Technology Corp 7641 Datasheet HTML 363Page - Renesas Technology Corp 7641 Datasheet HTML 364Page - Renesas Technology Corp 7641 Datasheet HTML 365Page - Renesas Technology Corp 7641 Datasheet HTML 366Page - Renesas Technology Corp 7641 Datasheet HTML 367Page - Renesas Technology Corp 7641 Datasheet HTML 368Page - Renesas Technology Corp 7641 Datasheet HTML 369Page - Renesas Technology Corp 7641 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 87 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
USB endpoint FIFO mode register
b7 b6 b5 b4 b3 b2 b1 b0
USB endpoint FIFO mode register
(USBFIFOMR : address 5F16)
b
0
1
2
Name
0
Functions
At reset R W
0
0
0
For endpoint 1
b4b2b1b0
✕ 0 0 0 : IN 512-byte, OUT 800-byte
✕ 0 0 1 : IN 1024-byte, OUT 1024-byte
✕ 0 1 0 : IN 0-byte, OUT 2048-byte
✕ 0 1 1 : IN 2048-byte, OUT 0-byte
✕ 1 0 0 : IN 768-byte, OUT 1280-byte
✕ 1 0 1 : IN 880-byte, OUT 1168-byte
For endpoint 2
b4b2b1b0
0 ✕ ✕ ✕ : IN 32-byte, OUT 32-byte
1 ✕ ✕ ✕ : IN 128-byte, OUT 128-byte
FIFO size selection bit
(Note)
00
0
0
0
Nothing arranged for these bits. Fix these bits to “0”.
0
0
0
3
4
5
6
7
Note: The value set into “x” is invalid.
Fig. 3.5.60 Structure of USB endpoint FIFO mode register
USB endpoint x FIFO register
b7 b6 b5 b4 b3 b2 b1 b0
USB endpoint x FIFO register
(USBFIFOx: addresses 6016, 6116, 6216, 6316, 6416)
b
0
Undefined
Functions
At reset R W
1
Undefined
2
Undefined
3
Undefined
4
Undefined
5
Undefined
6
Undefined
7
Undefined
qThis is Endpoint x IN/OUT FIFO.
qWrite a data to be transmitted into this IN FIFO.
qRead a received data from this OUT FIFO.
Fig. 3.5.61 Structure of USB endpoint x (x = 0 to 4) FIFO register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com