Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 364Page - Renesas Technology Corp 7641 Datasheet HTML 365Page - Renesas Technology Corp 7641 Datasheet HTML 366Page - Renesas Technology Corp 7641 Datasheet HTML 367Page - Renesas Technology Corp 7641 Datasheet HTML 368Page - Renesas Technology Corp 7641 Datasheet HTML 369Page - Renesas Technology Corp 7641 Datasheet HTML 370Page - Renesas Technology Corp 7641 Datasheet HTML 371Page - Renesas Technology Corp 7641 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 89 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
Frequency synthesizer control register
b7 b6 b5 b4 b3 b2 b1 b0
Frequency synthesizer control register
(FSC : address 6C16)
b
0
0
0
0
1
2
Name
0
Functions
At reset R W
0
0
0
1
1
Frequency synthesizer
input bit (FIN)
LPF current control bit
(CHG1, CHG0) (Note)
0 : Disabled
1 : Enabled
0 : f(XIN)
1 : f(XCIN)
5
6
7
0
Frequency synthesizer
lock status bit
0 : Unlocked
1 : Locked
0
Frequency synthesizer
enable bit (FSE)
Fix this bit to “0”.
Fix these bits to “0”.
3
4
b1b0
0 0 : Not available
0 1 : Low current
1 0 : Intermediate current (recommended)
1 1 : High current
Note: Bits 6 and 5 are set to (bit 6, bit 5) = (1, 1) at reset.
When using the frequency synthesizer, we recommend to set to (bit 6, bit 5) = (1, 0) after
locking the frequency synthesizer.
Fig. 3.5.63 Structure of Frequency synthesizer control register
Fig. 3.5.64 Structure of Frequency synthesizer multiply register 1
Frequency synthesizer multiply register 1
b7 b6 b5 b4 b3 b2 b1 b0
Frequency synthesizer multiply register 1
(FSM1: address 6D16)
b
0
1
Functions
At reset R W
1
1
2
1
3
1
4
1
5
1
6
1
7
1
qfVCO clock is generated by multiplying fPIN clock, which is generated
by FSM2, by the contents of this register:
fVCO = fPIN • {2(n +1)}, n: value set to FSM1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com