Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 367Page - Renesas Technology Corp 7641 Datasheet HTML 368Page - Renesas Technology Corp 7641 Datasheet HTML 369Page - Renesas Technology Corp 7641 Datasheet HTML 370Page - Renesas Technology Corp 7641 Datasheet HTML 371Page - Renesas Technology Corp 7641 Datasheet HTML 372Page - Renesas Technology Corp 7641 Datasheet HTML 373Page - Renesas Technology Corp 7641 Datasheet HTML 374Page - Renesas Technology Corp 7641 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 92 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.6 Package outline
3.6 Package outline
y
F
*3
*1
1
24
25
41
64
65
80
Index mark
c
bp
D
e
ZD
HD
Detail F
L
INCLUDE TRIM OFFSET.
*
NOTE)
*
*2"
1.
Previous Code
JEITA Package Code
RENESAS Code
PRQP0080GB-A
80P6N-A
MASS[Typ.]
1.6g
P-QFP80-14x20-0.80
0.2
0.15
0.13
0.35
0.3
Max
Nom
Min
Dimension in Millimeters
Symbol
19.8
D
14.2
14.0
13.8
E
2.8
A2
23.1
22.8
22.5
17.1
16.8
16.5
3.05
A
0.2
0.1
0
0.8
0.6
0.4
L
10
°
0
°
c
0.8
0.10
y
D
HE
A1
bp
ZD
ZE
0.65
0.8
1.0
PRQP0080GB-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com