Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 363Page - Renesas Technology Corp 7641 Datasheet HTML 364Page - Renesas Technology Corp 7641 Datasheet HTML 365Page - Renesas Technology Corp 7641 Datasheet HTML 366Page - Renesas Technology Corp 7641 Datasheet HTML 367Page - Renesas Technology Corp 7641 Datasheet HTML 368Page - Renesas Technology Corp 7641 Datasheet HTML 369Page - Renesas Technology Corp 7641 Datasheet HTML 370Page - Renesas Technology Corp 7641 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 88 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
5
0
Flash memory control register
b7 b6 b5 b4 b3 b2 b1 b0
Flash memory control register
(FMCR : address 6A16)
b
0
1
2
4
Name
1
Functions
At reset R W
0
0
0
0
CPU rewrite mode select
bit (FLCA1) (Note 2)
Flash memory reset bit
(FLCA3) (Note 3)
User ROM area / Boot
ROM area select bit
(FLCA4) (Note 4)
CPU rewrite mode entry
flag (FLCA2)
0 : Busy (being programmed or erased)
1 : Ready
0 : Normal mode (Software commands
invalid)
1 : CPU rewrite mode (Software
commands acceptable)
0 : Normal mode
1 : CPU rewrite mode
0 : Normal operation
1 : Reset
0 : Interrupt disabled
1 : Interrupt enabled
5
6
7
0
5
0
RY/BY status flag
(FLCA0)
3
Indefinite at read. Write “0” at write.
5
Notes 1: The contents of flash memory control register are “XXX00001” just after reset
release.
In the mask ROM version this area is reserved, so that do not write any data to
this address.
2: For this bit to be set to “1”, the user needs to write “0” and then “1” to it in
succession. If it is not this procedure, this bit will not be set to ”1”. Additionally, it
is required to ensure that no interrupt will be generated during that interval.
Use the control program in the area except the built-in flash memory for write to
this bit.
3: This bit is valid when the CPU rewrite mode select bit is “1”. Set this bit 3 to “0”
subsequently after setting bit 3 to “1”.
4: Use the control program in the area except the built-in flash memory for write to
this bit.
✕
Fig. 3.5.62 Structure of Flash memory control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com