Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 190Page - Renesas Technology Corp 7641 Datasheet HTML 191Page - Renesas Technology Corp 7641 Datasheet HTML 192Page - Renesas Technology Corp 7641 Datasheet HTML 193Page - Renesas Technology Corp 7641 Datasheet HTML 194Page - Renesas Technology Corp 7641 Datasheet HTML 195Page - Renesas Technology Corp 7641 Datasheet HTML 196Page - Renesas Technology Corp 7641 Datasheet HTML 197Page - Renesas Technology Corp 7641 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 63 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.4 UART
(2) Setting examples using SCSGCLK output
Table 2.4.2 shows setting examples of the SCSG1, SCSG2 and the baud rate generator (BRG)
values and transfer bit rate values.
Table 2.4.2 Setting examples of SCSG1, SCSG2 and baud rate generator values and transfer bit rate
values (
φφφφφ = 12 MHz))
Transfer bit
rate (bps)
(Note 1)
50
75
110
134.5
150
300
600
1200
1800
2000
2400
3600
4800
7200
9600
14400
19200
28800
31250
38400
57600
115200
SCSG1 setting
value (Note 3)
bypassed
bypassed
78 (4E16)
172 (AC16)
bypassed
bypassed
24 (1816)
bypassed
24 (1816)
bypassed
24 (1816)
24 (1816)
24 (1816)
24 (1816)
24 (1816)
24 (1816)
35 (2316)
24 (1816)
bypassed
35 (2316)
bypassed
11 (0B16)
SCSG2 setting
value
149 (9516)
99 (6316)
67 (4316)
55 (3716)
49 (3116)
24 (1816)
11 (0B16)
24 (1816)
19 (1316)
24 (1816)
19 (1316)
19 (1316)
14 (0E6)
19 (1316)
14 (0E6)
09 (0916)
00 (0016)
00 (0016)
bypassed
00 (0016)
bypassed
00 (0016)
SCSGCLK
(Hz) (Note 4)
80000.00
120000.00
174236.78
213047.07
240000.00
480000.00
960000.00
480000.00
576000.00
480000.00
576000.00
576000.00
768000.00
576000.00
768000.00
1152000.00
11666666.66
11520000.00
12000000.00
11666666.66
12000000.00
11000000.00
UART clock
prescaling
(Note 2)
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
Real rate
(bps)
50.00
75.00
110.00
134.50
150.00
300.00
600.00
1200.00
1800.00
2000.00
2400.00
3600.00
4800.00
7200.00
9600.00
14400.00
19188.60
28800.00
31250.00
38377.19
57692.31
114583.33
BRG setting
value
99 (6316)
99 (6316)
98 (6216)
98 (6216)
99 (6316)
99 (6316)
99 (6316)
24 (1816)
19 (1316)
14 (0E6)
14 (0E6)
9 (0916)
9 (0916)
4 (0416)
4 (0416)
4 (0416)
37 (2516)
24 (1816)
23 (1716)
18 (1216)
12 (0C16)
5 (0516)
Special Count Source Generator
Notes 1: Equation of transfer bit rate:
✽ : fi is selectable among SCSGCLK/1, SCSGCLK/8, SCSGCLK/32, and SCSGCLK/256 with bits
1 and 2 of UARTx mode register.
Transfer bit rate (bps) =
(BRG setting value + 1) ✕ 16
fi✽
2: Select the UART clock prescaling with bits 1 and 2 of UARTx mode register.
3: The internal clock
φ is used as the SCSG2 count source when the SCSG1 count stop bit is “1”
or the SCSG1 timer set value is “0016”.
4: Equation of SCSGCLK frequency:
SCSGCLK (MHz) =
φ ✕
(SCSG1 setting value + 1)
SCSG1 setting value
✕
(SCSG2 setting value + 1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com