Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 191Page - Renesas Technology Corp 7641 Datasheet HTML 192Page - Renesas Technology Corp 7641 Datasheet HTML 193Page - Renesas Technology Corp 7641 Datasheet HTML 194Page - Renesas Technology Corp 7641 Datasheet HTML 195Page - Renesas Technology Corp 7641 Datasheet HTML 196Page - Renesas Technology Corp 7641 Datasheet HTML 197Page - Renesas Technology Corp 7641 Datasheet HTML 198Page - Renesas Technology Corp 7641 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 64 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.4 UART
2.4.5 Operation of transmitting and receiving
(1) Transmit operation
•The transmit buffer empty flag (TBE) is set to “0” when the low-order byte of transmitted data is
written into the UARTx (x = 1, 2) transmit buffer register 1 in the condition of transmission enabled.
When using 9-bit character length, set the data into the UARTx transmit buffer register 2 (high-order
byte) first before the UARTx transmit buffer register 1 (low-order byte).
•If the transmit shift register is empty in the condition of CTS function disabled, the transmitted data
which is written into the UARTx (x = 1, 2) transmit buffer register 1 will be transferred to the transmit
shift register at the same time. When the TBE flag becomes “1”, the following data can be set to
the UARTx (x = 1, 2) transmit buffer. At this point, the UART transmit interrupt request occurs when
the transmit interrupt source select bit (TIS) is “0”.
•When the CTS function is enabled, the transmitted data is not transferred to the transmit shift
register until “L” is input to the CTSx pin (P86/CTS1, P82/CTS2/SRXD).
•The data is transmitted with the LSB first format. Once the transmission starts, it continues until the
last bit has been transmitted even though clearing the transmit enable bit (TEN) to “0” (disabled)
or inputting “H” to the CTSx pin.
•After completion of the last bit transmitting, if the TBE flag is “1”, or the TEN bit is “0” (disabled)
or “H” is input to the CTSx pin, the transmit complete flag (TCM) goes to “1”. At this point, the
UARTx transmit interrupt request occurs when the TIS bit is “1”.
(2) Receive operation
•The data is received with the LSB first format in the condition of reception enabled.
•When the stop bit is detected, the received data is transferred from the receive shift register to the
UARTx (x = 1, 2) receive buffer register. At the same time, if there is no error, the receive buffer
full flag (RBF) is set to “1” and the UARTx receive buffer full interrupt request occurs.
•If receive errors occur, the corresponding error flags of UARTx status register are set to “1” and the
UARTx summing error interrupt request occurs.
•The receive buffer full flag (RBF) is set to “0” when the contents of UARTx receive buffer register
1 is read out. Then when the RTS function is disabled, the following data can be received.
When using 9-bit character length, read the data from the UARTx receive buffer register 2 (high-
order byte) first before the UARTx receive buffer register 1 (low-order byte).
•When the RTS function is enabled, the RTS assertion delay count is specified by the UARTx RTS
control register. The delay time from the reception of the last stop bit to the start bit is selectable.
The RTSx pin (P87/RTS1, P83/RTS2/STXD) outputs “H” during the delayed time. After that, the RTSx
pin outputs “L” and a reception is enabled.
•If the start bit is detected in the term of “H” assertion of RTS, its assertion count is suspended and
the RTSx pin remains “H” output. After receiving the last stop bit, the count is resumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com