Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 192Page - Renesas Technology Corp 7641 Datasheet HTML 193Page - Renesas Technology Corp 7641 Datasheet HTML 194Page - Renesas Technology Corp 7641 Datasheet HTML 195Page - Renesas Technology Corp 7641 Datasheet HTML 196Page - Renesas Technology Corp 7641 Datasheet HTML 197Page - Renesas Technology Corp 7641 Datasheet HTML 198Page - Renesas Technology Corp 7641 Datasheet HTML 199Page - Renesas Technology Corp 7641 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 65 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.4 UART
(3) Countermeasure for errors
Three errors can be detected at reception. Each error is detected simultaneously when the data is
transferred from the receive shift register to the receive buffer register. If receive errors occur, the
corresponding error flags of UARTx status register are set to “1”. When any one of errors occurs,
the summing error flag is set to “1” and the UARTx summing error interrupt request bit is also set
to “1”. If a receive error occurs, the reception does not set the UARTx receive buffer full interrupt
request bit to “1”.
If receive errors occur, initialize the error flags and the UARTx receive buffer register and then
retransmit the data.
Table 2.4.3 shows the error flags set condition and how to clear error flags.
Error flag set condition
•If the previous data in the receive buffer register
is not read before the current receive operation
is completed.
•If any one of error flags is “1” for the previous
data and the current receive operation is
completed.
•When the number of stop bit of the received
data does not correspond with the selection
with the stop bit length select bit (STB).
•When the sum total of 1s of received data and
the parity does not correspond with the selection
with the parity select bit (PMD).
•When any one of the PER, FER and OER is
set to “1”.
Error flag
Overrun flag (OER)
How to clear error flag
•Reading UARTx status register
•Hardware reset
•Setting the receive initialization bit
(RIN) to “1”
Table 2.4.3 Error flags set condition and how to clear error flags
Framing error flag
(FER)
Parity error flag (PER)
Summing error flag
(SER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com