Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 194Page - Renesas Technology Corp 7641 Datasheet HTML 195Page - Renesas Technology Corp 7641 Datasheet HTML 196Page - Renesas Technology Corp 7641 Datasheet HTML 197Page - Renesas Technology Corp 7641 Datasheet HTML 198Page - Renesas Technology Corp 7641 Datasheet HTML 199Page - Renesas Technology Corp 7641 Datasheet HTML 200Page - Renesas Technology Corp 7641 Datasheet HTML 201Page - Renesas Technology Corp 7641 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 67 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.4 UART
Figure 2.4.15 shows the registers setting for the transmitter, and Figures 2.4.16 and 2.4.17 show the
registers setting for the receiver.
Fig. 2.4.15 Registers setting for transmitter
U1MOD
0
0
0
0
0
0
1
U1BRG
1916
0 0 1
1
1
U1CON
0
b0
b7
b0
b7
U1STS
b0
b7
b0
b7
U1TRB1
U1TRB2
b0
b7
b0
b7
ICONA
0
b0
b7
Transmitting side
UART1 mode register (Address : 3016)
UART1 control register (Address : 3316)
UART clock :
φ
UART clock prescaling :
φ/1
Character length : 9 bits
Parity checking disabled
Stop bit length : 1 stop bit
Transmit enabled
Receive disabled
UART address mode disabled
Transmit initializing
CTS function enabled
RTS function disabled
UART1 baud rate generator (Address : 3116)
UART1 transmit interrupt disabled
UART1 transmit/receive buffer register 2 (Address : 3516)
Interrupt control register A (Address : 0516)
high-order 1 bit of transmitting data set
low-order 8 bits of transmitting data set
UART1 status register (Address : 3216)
Transmit complete flag
Transmit buffer empty flag
Write data to high-order address first,
then to low-order address.
UART1 transmit/receive buffer register 1 (Address : 3416)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com