Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 195Page - Renesas Technology Corp 7641 Datasheet HTML 196Page - Renesas Technology Corp 7641 Datasheet HTML 197Page - Renesas Technology Corp 7641 Datasheet HTML 198Page - Renesas Technology Corp 7641 Datasheet HTML 199Page - Renesas Technology Corp 7641 Datasheet HTML 200Page - Renesas Technology Corp 7641 Datasheet HTML 201Page - Renesas Technology Corp 7641 Datasheet HTML 202Page - Renesas Technology Corp 7641 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 68 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.4 UART
U2MOD
0
0
0
0
0
0
1
U2BRG1916
0 1 0
0
U2CON
1
1
b0
b7
b0
b7
b0
b7
U2RTS
0 000 00 0 0
b0
b7
ICONB
0
0
b0
b7
Receiving side
UART2 mode register (Address : 3816)
UART clock :
φ
UART clock prescaling :
φ/1
Character length : 9 bits
Parity checking disabled
Stop bit length : 1 stop bit
UART2 control register (Address : 3B16)
Transmit disabled
Receive enabled
UART address mode disabled
Receive initializing
CTS function disabled
RTS function enabled
UART2 RTS control register (Address : 3E16)
No delay; Assertion immediately
UART2 receive buffer full interrupt disabled
Interrupt control register B (Address : 0616)
UART2 summing error interrupt disabled
UART2 baud rate generator (Address : 3916)
Fig. 2.4.16 Registers setting for receiver (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com