Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 197Page - Renesas Technology Corp 7641 Datasheet HTML 198Page - Renesas Technology Corp 7641 Datasheet HTML 199Page - Renesas Technology Corp 7641 Datasheet HTML 200Page - Renesas Technology Corp 7641 Datasheet HTML 201Page - Renesas Technology Corp 7641 Datasheet HTML 202Page - Renesas Technology Corp 7641 Datasheet HTML 203Page - Renesas Technology Corp 7641 Datasheet HTML 204Page - Renesas Technology Corp 7641 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 70 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.4 UART
Figure 2.4.18 shows a control procedure of transmitter, and Figure 2.4.19 shows a control procedure
of receiver.
10 ms pass ?
Y
N
The second byte of
a transmission data
1
0
U1STS (Address : 3216), bit0?
1
0
U1TRB2 (Add. : 3516)
U1TRB1 (Add. : 3416)
The first byte of a
transmission data
1
0
• An interval of 10 ms generated by Timer
• Transmission data write
Transmit buffer empty flag is set to “0” by this writing.
Transmission starts owing to “L” input to CTS pin.
• Judgment of transferring data from Transmit
buffer register to Transmit shift register
(Transmit buffer empty flag)
• Judgment of transferring data from Transmit
buffer register to Transmit shift register
(Transmit buffer empty flag)
• Judgment of shift completion of Transmit shift register
(Transmit complete flag)
U1STS (Address : 3216), bit1?
U1TRB2 (Add. : 3516)
U1TRB1 (Add. : 3416)
• Transmission data write
Transmit buffer empty flag is set to “0” by this writing.
U1STS (Address : 3216), bit1?
RESET
(Address : 3116)
(Address : 3316), bit2
(Address : 3316), bit4
(Address : 3016)
(Address : 3316), bit5
(Address : 3316), bit1
Initialization
U1BRG
U1CON
U1CON
U1MOD
U1CON
U1CON
1916
12
x
100x00002
1
1
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
ICONA
CLI
(Address : 0516), bit7
0
•
φ as UART clock, Clock prescaling 1/1, 1 stop bit,
Parity checking disabled, 9-bit character length
• CTS function enabled
• UART1 transmit interrupt disabled
Fig. 2.4.18 Control procedure of transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com