Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 360Page - Renesas Technology Corp SH7052 Datasheet HTML 361Page - Renesas Technology Corp SH7052 Datasheet HTML 362Page - Renesas Technology Corp SH7052 Datasheet HTML 363Page - Renesas Technology Corp SH7052 Datasheet HTML 364Page - Renesas Technology Corp SH7052 Datasheet HTML 365Page - Renesas Technology Corp SH7052 Datasheet HTML 366Page - Renesas Technology Corp SH7052 Datasheet HTML 367Page - Renesas Technology Corp SH7052 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 919 page
background image
338
When the noise canceler counter (TCNT10H) value matches the noise canceler compare-match
register (NCR10) value, the noise canceler counter (TCNT10H) is cleared to H'0000 and TI10
input masking is cleared.
(2) Multiplied clock generation block
This block has 16-bit reload counters (TCNT10C, RLD10C), a 16-bit register free-running
counter (TCNT10G), and a 16-bit general register (GR10G).
16-bit reload counter 10C (RLD10C) is captured by 32-bit input capture register 10A
(ICR10A), and when RLDEN in the timer I/O control register (TIOR10) is 0, the value
captured in input capture register 10A is transferred to the multiplied clock generation block
reload register (RLD10C). The value transferred can be selected from 1/32, 1/64, 1/128, or
1/256 the original value, according to the setting of bits PIM1 and PIM0 in TIOR10.
16-bit reload counter 10C (TCNT10C) performs down-count operations. When TCNT10C
reaches H'0001, the value is read automatically from the reload buffer (RLD10C), internal
clock AGCK1 is generated, and the down-count operation is repeated. Internally generated
AGCK1 is input as a clock to the multiplied clock correction block 16-bit correction counter
(TCNT10E) and 16-bit free-running counter 10G (TCNT10G).
16-bit register free-running counter 10G (TCNT10G) counts on AGCK1 generated by
TCNT10C. It is initialized to H'0000 by external input from TI10.
The 16-bit general register (GR10G) can be used in a compare-match with free-running
counter 10G (TCNT10G) by setting bits IO10G2 to IO10G0 in the timer I/O control register
(TIOR10). An interrupt can be requested when a compare-match occurs. Also, by setting timer
interrupt enable register 10 (TIER10), an interrupt can be request in the event of TI10 input
after a compare-match.
(3) Multiplied clock correction block
This block has three 16-bit correction counters (TCNT10D, TCNT10E, TCNT10F) and a 16-
bit correction counter clear register (TCCLR10). When 32-bit input capture register 10A
(ICR10A) performs a capture operation due to input from external input pin TI10, the value in
correction counter 10D (TCNT10D) is transferred to TCNT10E and TCNT10D is incremented.
The value transferred to TCNT10E is 32, 64, 128, or 256 times the TCNT10D value, according
to the setting of bits PIM1 and PIM0 in the timer I/O control register (TIOR10).
16-bit correction counter 10E (TCNT10E) counts up on AGCK1 generated by reload counter
10C (TCNT10C, RLD10C) in the multiplied clock generation block. However, by setting the
CCS bit in the timer I/O control register (TIOR10), it is possible to stop free-running counter
10E (TCNT10E) when the free-running counter 10D (TCNT10D) multiplication value
specified by PIM1 and PIM0 and the free-running counter 10E (TCNT10E) value match. The
multiplied TCNT10D value is transferred when input capture register 10A (ICR10A) performs
a capture operation due to TI10 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com