Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 227Page - Renesas Technology Corp SH7243 Datasheet HTML 228Page - Renesas Technology Corp SH7243 Datasheet HTML 229Page - Renesas Technology Corp SH7243 Datasheet HTML 230Page - Renesas Technology Corp SH7243 Datasheet HTML 231Page - Renesas Technology Corp SH7243 Datasheet HTML 232Page - Renesas Technology Corp SH7243 Datasheet HTML 233Page - Renesas Technology Corp SH7243 Datasheet HTML 234Page - Renesas Technology Corp SH7243 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1726 page
background image
Section 8 Data Transfer Controller (DTC)
Rev. 1.00 Jun. 26, 2008 Page 201 of 1692
REJ09B0393-0100
Bit
Bit Name
Initial
Value
R/W
Description
1, 0
Undefined
Reserved
The write value should always be 0.
[Legend]
x:
Don't care
8.2.2
DTC Mode Register B (MRB)
MRB selects DTC operating mode. MRB cannot be accessed directly by the CPU.
Bit:
Initial value:
R/W:
7654321
0
********
--------
CHNE
CHNS
DISEL
DTS
DM[1:0]
-
-
: Undefined
*
Bit
Bit Name
Initial
Value
R/W
Description
7
CHNE
Undefined
DTC Chain Transfer Enable
Specifies the chain transfer. For details, see section
8.5.6, Chain Transfer. The chain transfer condition is
selected by the CHNS bit.
0: Disables the chain transfer
1: Enables the chain transfer
6
CHNS
Undefined
DTC Chain Transfer Select
Specifies the chain transfer condition. If the following
transfer is a chain transfer, the completion check of the
specified transfer count is not performed and activation
source flag or DTCER is not cleared.
0: Chain transfer every time
1: Chain transfer only when transfer counter = 0
5
DISEL
Undefined
DTC Interrupt Select
When this bit is set to 1, an interrupt request is generated
to the CPU every time a data transfer or a block data
transfer ends. When this bit is set to 0, a CPU interrupt
request is only generated when the specified number of
data transfers ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com