Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 434Page - Renesas Technology Corp SH7713 Datasheet HTML 435Page - Renesas Technology Corp SH7713 Datasheet HTML 436Page - Renesas Technology Corp SH7713 Datasheet HTML 437Page - Renesas Technology Corp SH7713 Datasheet HTML 438Page - Renesas Technology Corp SH7713 Datasheet HTML 439Page - Renesas Technology Corp SH7713 Datasheet HTML 440Page - Renesas Technology Corp SH7713 Datasheet HTML 441Page - Renesas Technology Corp SH7713 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 398 of 860
REJ09B0288-0150
12.5.4
CSn Assert Period Expansion
The number of cycles from
CSn assertion to RD and WEn (BEn) assertion can be specified by
setting bits SW1 and SW0 in CSnWCR. The number of cycles from
RD and WEn (BEn) negation
to
CSn negation can be specified by setting bits HW1 and HW0. Therefore, a flexible interface to
an external device can be obtained. Figure 12.11 shows an example. A Th cycle and a Tf cycle are
added before and after an ordinary cycle, respectively. In these cycles,
RD and WEn (BEn) are not
asserted, while other signals are asserted. The data output is prolonged to the Tf cycle, and this
prolongation is useful for devices with slow writing operations.
T1
CKIO
A25 to A0
CSn
RD/
WR
RD
D31 to D0
D31 to D0
WEn(BEn)
BS
Th
Read
Write
T2
DACKn*
Tf
Note: * The waveform for DACKn is when active low is specified.
Figure 12.11
CSn Assert Period Expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com