Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 437Page - Renesas Technology Corp SH7713 Datasheet HTML 438Page - Renesas Technology Corp SH7713 Datasheet HTML 439Page - Renesas Technology Corp SH7713 Datasheet HTML 440Page - Renesas Technology Corp SH7713 Datasheet HTML 441Page - Renesas Technology Corp SH7713 Datasheet HTML 442Page - Renesas Technology Corp SH7713 Datasheet HTML 443Page - Renesas Technology Corp SH7713 Datasheet HTML 444Page - Renesas Technology Corp SH7713 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 401 of 860
REJ09B0288-0150
A14
A1
CKE
CKIO
CSn
RAS
CAS
RD/
WR
D15
D0
DQMLU
DQMLL
64-Mbit synchronous SDRAM
(1M x 16 bits x 4 banks)
A13
A0
CKE
CLK
CS
RAS
CAS
WE
I/O15
I/O0
DQMU
DQML
This LSI
Figure 12.13 Example of 16-Bit Data-Width SDRAM Connection
Address Multiplexing: An address multiplexing is specified so that SDRAM can be connected
without external multiplexing circuitry according to the setting of bits BSZ[1:0]in CSnBCR,
AxROW[1:0] and AxCOL[1:0] in SDCR. Tables 12.12 to 12.17 show the relationship between the
settings of bits BSZ[1:0], AxROW[1:0], and AxCOL[1:0] and the bits output at the address pins.
Do not specify those bits in the manner other than this table, otherwise the operation of this LSI is
not guaranteed. A25 to A18 are not multiplexed and the original values of address are always
output at these pins.
When the data bus width is 16 bits (BSZ[1:0] =B’10), A0 of SDRAM specifies a word address.
Therefore, connect this A0 pin of SDRAM to the A1 pin of the LSI; the A1 pin of SDRAM to the
A2 pin of the LSI, and so on. When the data bus width is 32 bits (BSZ[1:0] =B’11), the A0 pin of
SDRAM specifies a longword address. Therefore, connect this A0 pin of SDRAM to the A2 pin of
the LSI; the A1 pin of SDRAM to the A3 pin of the LSI, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com