Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 452Page - Renesas Technology Corp SH7713 Datasheet HTML 453Page - Renesas Technology Corp SH7713 Datasheet HTML 454Page - Renesas Technology Corp SH7713 Datasheet HTML 455Page - Renesas Technology Corp SH7713 Datasheet HTML 456Page - Renesas Technology Corp SH7713 Datasheet HTML 457Page - Renesas Technology Corp SH7713 Datasheet HTML 458Page - Renesas Technology Corp SH7713 Datasheet HTML 459Page - Renesas Technology Corp SH7713 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 416 of 860
REJ09B0288-0150
where the READA command is output to the Td1 cycle where the read data is latched can be
specified for the CS2 and CS3 spaces independently, using the A2CL1 and A2CL0 bits in
CS2WCR or the A3CL1 and A3CL0 bits in CS3WCR and TRCD0 bit in CS3WCR. The number
of cycles from Tc1 to Td1 corresponds to the synchronous DRAM CAS latency. The CAS latency
for the synchronous DRAM is normally defined as up to three cycles. However, the CAS latency
in this LSI can be specified as 1 to 4 cycles. This CAS latency can be achieved by connecting a
latch circuit between this LSI and the synchronous DRAM.
Tc4
CKIO
A25 to A0
CSn
RD/
WR
RAS
DQMxx
D31 to D0
BS
Tap
DACKn*2
Tr
Tc2
Tc3
Tc1
Td4
Tde
Td2
Td3
Td1
A12/A11*1
CAS
1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Notes:
Figure 12.14 Burst Read Basic Timing (Auto Precharge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com