Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 455Page - Renesas Technology Corp SH7713 Datasheet HTML 456Page - Renesas Technology Corp SH7713 Datasheet HTML 457Page - Renesas Technology Corp SH7713 Datasheet HTML 458Page - Renesas Technology Corp SH7713 Datasheet HTML 459Page - Renesas Technology Corp SH7713 Datasheet HTML 460Page - Renesas Technology Corp SH7713 Datasheet HTML 461Page - Renesas Technology Corp SH7713 Datasheet HTML 462Page - Renesas Technology Corp SH7713 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 419 of 860
REJ09B0288-0150
Burst Write: A burst write occurs in the following cases in this LSI.
1. Access size in writing is larger than data bus width.
2. Copyback of the cache
3. 16-byte transfer in DMAC or E-DMAC (access to non-cachable region)
This LSI always accesses SDRAM with burst length 1. For example, write access of burst length 1
is performed continuously 4 times to write 16-byte continuous data to the SDRAM that is
connected to a 32-bit data bus. The relationship between the access size and the number of bursts
is shown in table 12.18.
Figure 12.17 shows a timing chart for burst writes. In burst write, an ACTV command is output in
the Tr cycle, the WRIT command is issued in the Tc1, Tc2, and Tc3 cycles, and the WRITA
command is issued to execute an auto-precharge in the Tc4 cycle. In the write cycle, the write data
is output simultaneously with the write command. After the write command with the auto-
precharge is output, the Trw1 cycle that waits for the auto-precharge initiation is followed by the
Tap cycle that waits for completion of the auto-precharge induced by the WRITA command in the
SDRAM. In the Tap cycle, a new command will not be issued to the same bank. However, access
to another CS space or another bank in the same SDRAM space is enabled. The number of Trw1
cycles is specified by the TRWL1 and TRWL0 bits in CS3WCR. The number of Tap cycles is
specified by the TRP1 and TRP0 bits in CS3WCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com