Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 462 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 458Page - Renesas Technology Corp SH7713 Datasheet HTML 459Page - Renesas Technology Corp SH7713 Datasheet HTML 460Page - Renesas Technology Corp SH7713 Datasheet HTML 461Page - Renesas Technology Corp SH7713 Datasheet HTML 462Page - Renesas Technology Corp SH7713 Datasheet HTML 463Page - Renesas Technology Corp SH7713 Datasheet HTML 464Page - Renesas Technology Corp SH7713 Datasheet HTML 465Page - Renesas Technology Corp SH7713 Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 422 of 860
REJ09B0288-0150
then when precharging is completed, the access is performed by issuing an ACTV command
followed by a READ or WRIT command. If this is followed by an access to a different row
address, the access time will be longer because of the precharging performed after the access
request is issued. The number of cycles between issuance of the PRE command and the ACTV
command is determined by the TRP[1:0] bits in CSnWCR.
In a write, when an auto-precharge is performed, a command cannot be issued to the same bank
for a period of Trwl + Tap cycles after issuance of the WRITA command. When bank active mode
is used, READ or WRIT commands can be issued successively if the row address is the same. The
number of cycles can thus be reduced by Trwl + Tap cycles for each write.
There is a limit on tRAS, the time for placing each bank in the active state. If there is no guarantee
that there will not be a cache hit and another row address will be accessed within the period in
which this value is maintained by program execution, it is necessary to set auto-refresh and set the
refresh cycle to no more than the maximum value of tRAS.
A burst read cycle without auto-precharge is shown in figure 12.19, a burst read cycle for the same
row address in figure 12.20, and a burst read cycle for different row addresses in figure 12.21.
Similarly, a single write cycle without auto-precharge is shown in figure 12.22, a single write
cycle for the same row address in figure 12.23, and a single write cycle for different row addresses
in figure 12.24.
In figure 12.20, a Tnop cycle in which no operation is performed is inserted before the Tc cycle
that issues the READ command. The Tnop cycle is inserted to acquire two cycles of CAS latency
for the DQMxx signal that specifies the read byte in the data read from the SDRAM. If the CAS
latency is specified as two cycles or more, the Tnop cycle is not inserted because the two cycles of
latency can be acquired even if the DQMxx signal is asserted after the Tc cycle.
When bank active mode is set, if only accesses to the respective banks in the area 3 space are
considered, as long as accesses to the same row address continue, the operation starts with the
cycle in figure 12.19 or 12.22, followed by repetition of the cycle in figure 12.20 or 12.23. An
access to a different area during this time has no effect. If there is an access to a different row
address in the bank active state, after this is detected the bus cycle in figure 12.21 or 12.24 is
executed instead of that in figure 12.20 or 12.23. In bank active mode, too, all banks become
inactive after a refresh cycle or after the bus is released as the result of bus arbitration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com