Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 454Page - Renesas Technology Corp SH7713 Datasheet HTML 455Page - Renesas Technology Corp SH7713 Datasheet HTML 456Page - Renesas Technology Corp SH7713 Datasheet HTML 457Page - Renesas Technology Corp SH7713 Datasheet HTML 458Page - Renesas Technology Corp SH7713 Datasheet HTML 459Page - Renesas Technology Corp SH7713 Datasheet HTML 460Page - Renesas Technology Corp SH7713 Datasheet HTML 461Page - Renesas Technology Corp SH7713 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 418 of 860
REJ09B0288-0150
Single Read: A read access ends in one cycle when data exists in non-cachable region and the
data bus width is larger than or equal to access size. As the burst length is set to 1 in synchronous
DRAM burst read/single write mode, only the required data is output. Consequently, no
unnecessary bus cycles are generated even when a cache-through area is accessed.
Figure 12.16 shows the single read basic timing.
CKIO
A25 to A0
CSn
RD/
WR
RAS
DQMxx
D31 to D0
BS
Tap
DACKn*2
Tr
Tc1
Tde
Td1
A12/A11*1
CAS
Notes: 1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Figure 12.16 Basic Timing for Single Read (Auto Precharge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com