Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 488 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 484Page - Renesas Technology Corp SH7713 Datasheet HTML 485Page - Renesas Technology Corp SH7713 Datasheet HTML 486Page - Renesas Technology Corp SH7713 Datasheet HTML 487Page - Renesas Technology Corp SH7713 Datasheet HTML 488Page - Renesas Technology Corp SH7713 Datasheet HTML 489Page - Renesas Technology Corp SH7713 Datasheet HTML 490Page - Renesas Technology Corp SH7713 Datasheet HTML 491Page - Renesas Technology Corp SH7713 Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 448 of 860
REJ09B0288-0150
This LSI
PC card
(memory I/O)
A25 to A0
D7 to D0
CE1
CE2
OE
WE/PGM
IORD
IOWR
REG
A25 to A0
D7 to D0
D15 to D8
RD/
WR
CE1A
CE2A
RD
WE
ICIORD
ICIOWR
I/O Port
WAIT
IOIS16
G
G
DIR
G
G
DIR
D15 to D8
WAIT
IOIS16
CD1,CD2
Card
detection
circuit
Figure 12.38 Example of PCMCIA Interface Connection
Basic Timing for Memory Card Interface: Figure 12.39 shows the basic timing of the PCMCIA
IC memory card interface. If areas 5 and 6 in the physical space are specified as the PCMCIA
interface, accessing the common memory areas in areas 5 and 6 automatically accesses the IC
memory card interface. If the external bus frequency (CKIO) increases, the setup times and hold
times for the address pins (A25 to A0) to RD and WE, card enable signals (
CE1A, CE2A, CE1B,
CE2B), and write data (D15 to D0) become insufficient. To prevent this error, the LSI can specify
the setup times and hold times for areas 5 and 6 in the physical space independently, using
CS5BWCR and CS6BWCR. In the PCMCIA interface, as in the normal space interface, a
software wait or hardware wait can be inserted using the WAIT pin. Figure 12.40 shows the
PCMCIA memory bus wait timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com