Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 486Page - Renesas Technology Corp SH7713 Datasheet HTML 487Page - Renesas Technology Corp SH7713 Datasheet HTML 488Page - Renesas Technology Corp SH7713 Datasheet HTML 489Page - Renesas Technology Corp SH7713 Datasheet HTML 490Page - Renesas Technology Corp SH7713 Datasheet HTML 491Page - Renesas Technology Corp SH7713 Datasheet HTML 492Page - Renesas Technology Corp SH7713 Datasheet HTML 493Page - Renesas Technology Corp SH7713 Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 450 of 860
REJ09B0288-0150
If all 32 Mbytes of the memory space are used as an IC memory card interface, the
REG signal
that switches between the common memory and attribute memory can be generated by a port. If
the memory space used for the IC memory card interface is 16 Mbytes or less, the A24 pin can be
used as the
REG signal by using the memory space as a 16-Mbyte common memory space and a
16-Mbyte attribute memory space.
PCMCIA interface area is 32 Mbytes (An I/O port is used as the
REG)
Area 5 : H'14000000
Attribute memory/common memory
I/O space
Attribute memory/common memory
I/O space
Area 5 : H'16000000
Area 6 : H'18000000
Area 6 : H'1A000000
PCMCIA interface area is 16 Mbytes (A24 is used as the
REG)
Area 5 : H'14000000
Attribute memory
I/O space
Area 5 : H'15000000
Area 5 : H'16000000
H'17000000
Area 6 : H'18000000
Area 6 : H'19000000
Area 6 : H'1A000000
H'1B000000
Common memory
Attribute memory
I/O space
Common memory
Figure 12.41 Example of PCMCIA Space Assignment (CS5BWCR.SA[1:0] = B
′10,
CS6BWCR.SA[1:0] = B
′10)
Basic Timing for I/O Card Interface: Figures 12.42 and 12.43 show the basic timings for the
PCMCIA I/O card interface.
The I/O card and IC memory card interfaces can be switched using an address to be accessed. If
area 5 of the physical space is specified as the PCMCIA, the I/O card interface can automatically
be accessed by accessing the physical addresses from H’16000000 to H’17FFFFFF. If area 6 of
the physical space is specified as the PCMCIA, the I/O card interface can automatically be
accessed by accessing the physical addresses from H
′1A000000 to H′1BFFFFFF.
Note that areas to be accessed as the PCMCIA I/O card must be non-cached if they are logical
space (space P2 or P3) areas, or a non-cached area specified by the MMU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com